Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FES16XT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FES16XT
Description  Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FES16XT Datasheet(HTML) 2 Page - Vishay Siliconix

  FES16XT Datasheet HTML 1Page - Vishay Siliconix FES16XT Datasheet HTML 2Page - Vishay Siliconix FES16XT Datasheet HTML 3Page - Vishay Siliconix FES16XT Datasheet HTML 4Page - Vishay Siliconix FES16XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FES16xT, FESF16xT, FESB16xT
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
2
Document Number: 88599
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
FES
16AT
FES
16BT
FES
16CT
FES
16DT
FES
16FT
FES
16GT
FES
16HT
FES
16JT
UNIT
Maximum instantaneous forward
voltage
16 A
VF (1)
0.975
1.30
1.50
V
Maximum DC reverse current at
rated DC blocking voltage
TC = 25 °C
IR
10
μA
TC = 100 °C
500
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
50
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
175
145
pF
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FES
FESF
FESB
UNIT
Typical thermal resistance, junction to case
RJC
1.2
1.7
1.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
FES16JT-E3/45
1.78
45
50/tube
Tube
ITO-220AC
FESF16JT-E3/45
1.80
45
50/tube
Tube
TO-263AB
FESB16JT-E3/45
1.33
45
50/tube
Tube
TO-263AB
FESB16JT-E3/81
1.33
81
800/reel
Tape and reel
TO-220AC
FES16JTHE3/45 (1)
1.78
45
50/tube
Tube
ITO-220AC
FESF16JTHE3/45 (1)
1.80
45
50/tube
Tube
TO-263AB
FESB16JTHE3/45 (1)
1.33
45
50/tube
Tube
TO-263AB
FESB16JTHE3/81 (1)
1.33
81
800/reel
Tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com