Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBAEXTMA Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # MMBAEXTMA
Description  Torus Magnetic Mount Base For Taoglas External Antennas
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MMBAEXTMA Datasheet(HTML) 5 Page - Taoglas antenna solutions

  MMBAEXTMA Datasheet HTML 1Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 2Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 3Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 4Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 5Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 6Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 7Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 8Page - Taoglas antenna solutions MMBAEXTMA Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SPE-15-8-016/A/WY
Page 5 of 30
1. Introduction
The Taoglas MMB series is a robust magnetic mount base solution for external Taoglas
antennas that would typically require drilling a hole for installation. There are times
when drilling a hole for installation is not feasible either due to cost or aesthetics. The
Taoglas MMB magnetic mount base removes the need to drill by providing an adapter
with the proper hole size for the antenna you are using. The MMB series can support
various Taoglas external antennas including the Olympian, Hercules, Ultima, Spartan,
Spartan ST, Pantheon, and Pantheon ST series.
The MMB can be mounted on iron/steel metal surfaces such as tops of vehicles,
containers, etc. Due to six strong magnets, the magnetic force can resist wind speeds
over 100KM/H (road test). Under the MMB, there is a soft cushion of foam which can
protect the mounting surface during the mounting/removing processes.
There are four standard mounting bases which have different aligning hole diameters
from 16mm to 31mm, see table below for model numbers.
Torus Magnetic Base for Screw Mount Antennas
Part #
Description
Model
Thread Ø
Model Numbers
MMB.A.EXTMA.16
Ø16mm, For Taoglas Olympian
12mm
G30, MA140
MMB.A.EXTMA.19
Ø19mm, For Taoglas Hercules
18mm
A.01, A.03, A.40, A.41, G21, IS.01, IS.02, IS.04,
IS.05,WS.01, WS.02, MA104, MA106, MA120, MA501,
MA510, MA515, MA520
MMB.A.EXTMA.21
Ø21mm, For Taoglas Spartan ST
20mm
MA600.ST, MA612.ST, MA650.ST
Ø21mm, For Taoglas Pantheon ST
MA700.ST, MA710.ST, MA750.ST, MA760.ST
MMB.A.EXTMA.31
Ø31mm, For Taoglas Ultima
24mm
A.30, G24, MA111, MA530, WS.24
Ø31mm, For Taoglas Spartan
30mm
MA600, MA602, MA603, MA650, MA660, MA671,
MA672, MA673
Ø31mm, For Taoglas Pantheon
MA700, MA710, MA741, MA750, MA760, MA761, MA770



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com