Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGGP18A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # SGGP18A
Description  GPS/Glonass/Galileo SMT Patch Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SGGP18A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  SGGP18A Datasheet HTML 1Page - Taoglas antenna solutions SGGP18A Datasheet HTML 2Page - Taoglas antenna solutions SGGP18A Datasheet HTML 3Page - Taoglas antenna solutions SGGP18A Datasheet HTML 4Page - Taoglas antenna solutions SGGP18A Datasheet HTML 5Page - Taoglas antenna solutions SGGP18A Datasheet HTML 6Page - Taoglas antenna solutions SGGP18A Datasheet HTML 7Page - Taoglas antenna solutions SGGP18A Datasheet HTML 8Page - Taoglas antenna solutions SGGP18A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SPE-13-8-030/I/SS
Page 1 of 19
SPECIFICATION
PATENT PENDING
Model No.
:
SGGP.18A
Product Name :
GPS/GLONASS/GALILEO SMT Patch Antenna
Features
:
Single Feed SMT
GPS/GALILEO: 1575MHz
GLONASS: 1602MHz
Dims: 18*18*4mm
RoHS Compliant


Similar Part No. - SGGP18A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGGP18A ETC2-SGGP18A Datasheet
863Kb / 10P
GPS/GLONASS SMT PATCH ANTENNA
More results

Similar Description - SGGP18A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
CGGP353A02 TAOGLAS-CGGP353A02 Datasheet
1Mb / 13P
3.5mm Thick GPS/Glonass/Galileo Patch Antenna
SGGP124A02 TAOGLAS-SGGP124A02 Datasheet
1Mb / 18P
12mm GPS/GLONASS/GALILEO SMT Mount Ceramic Patch Antenna
SGGP254A02 TAOGLAS-SGGP254A02 Datasheet
886Kb / 14P
GPS/GALILEO SMT Patch Antenna
SGP1575184C02 TAOGLAS-SGP1575184C02 Datasheet
989Kb / 14P
GPS/GALILEO SMT PAtch Antenna
SGP1575254C02 TAOGLAS-SGP1575254C02 Datasheet
1,021Kb / 15P
GPS/GALILEO SMT PAtch Antenna
SGGP.12.4.A.02 TAOGLAS-SGGP.12.4.A.02_17 Datasheet
1Mb / 18P
12mm GPS/GLONASS/GALILEO SMT Mount Ceramic Patch Antenna
SGGP.18.4.A.02 TAOGLAS-SGGP.18.4.A.02 Datasheet
1Mb / 19P
GPS/GLONASS/GALILEO SMT Patch Antenna
SGGP.18.4.A.08 TAOGLAS-SGGP.18.4.A.08 Datasheet
2Mb / 19P
GPS/GLONASS/GALILEO SMD Patch Antenna
SGGP.25.4.A.02 TAOGLAS-SGGP.25.4.A.02 Datasheet
1Mb / 14P
GPS/GLONASS/GALILEO SMT Patch Antenna
logo
AVX Corporation
1004322 AVX-1004322 Datasheet
583Kb / 3P
GPS/GLONASS/Beidou/Galileo Patch Antenna
9/27/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com