Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS01305111 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # TLS01305111
Description  Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TLS01305111 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  TLS01305111 Datasheet HTML 1Page - Taoglas antenna solutions TLS01305111 Datasheet HTML 2Page - Taoglas antenna solutions TLS01305111 Datasheet HTML 3Page - Taoglas antenna solutions TLS01305111 Datasheet HTML 4Page - Taoglas antenna solutions TLS01305111 Datasheet HTML 5Page - Taoglas antenna solutions TLS01305111 Datasheet HTML 6Page - Taoglas antenna solutions TLS01305111 Datasheet HTML 7Page - Taoglas antenna solutions TLS01305111 Datasheet HTML 8Page - Taoglas antenna solutions TLS01305111 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DSP-15-8-SPE-15-8-063/C/SS
Page 1 of 23
SPECIFICATION
Part No.
:
TLS.01.305111
Description
:
Shockwave 698-960/1575.42/1710-2700MHz
Permanent Mount External Antenna
3M CFD-200 SMA(M)
Features
:
Applicable for 2G/3G/4G cellular bands and GPS
Over 45% efficiency and 2.2 dBi gain
Mechanically robust for indoor/outdoor applications
Height: 79.45mm (3.13"); Diameter: 42mm (1.65")
IP67 and IP69K Waterproof
Low loss CFD-200 cable, 3 meters
SMA(M) connector
RoHS compliant


Similar Part No. - TLS01305111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TLS01305721 TAOGLAS-TLS01305721 Datasheet
3Mb / 25P
Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
More results

Similar Description - TLS01305111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TLS011F11 TAOGLAS-TLS011F11 Datasheet
2Mb / 21P
Shockwave 698~960/1575.42/1710~2700MHz Permanent Mount External Antenna N Type(M) connector
TLS011F21 TAOGLAS-TLS011F21 Datasheet
2Mb / 21P
Shockwave 698~960/1575.42/1710~2700MHz Permanent Mount External Antenna
TLS301F11 TAOGLAS-TLS301F11 Datasheet
6Mb / 12P
Shockwave 433MHz Permanent Mount External Antenna
TLS301F21 TAOGLAS-TLS301F21 Datasheet
8Mb / 12P
Shockwave 433MHz Permanent Mount External Antenna
TLS01305721 TAOGLAS-TLS01305721 Datasheet
3Mb / 25P
Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
TLS30105111 TAOGLAS-TLS30105111 Datasheet
4Mb / 12P
Shockwave 433MHz Permanent Mount External Antenna
TLS.01.305721 TAOGLAS-TLS.01.305721_17 Datasheet
3Mb / 25P
Shockwave 698-960/1575.42/1710-2700MHz
TLS.01.305111 TAOGLAS-TLS.01.305111_18 Datasheet
3Mb / 20P
Shockwave 698-960/1575.42/1710-2700MHz
TLS.01.1F21 TAOGLAS-TLS.01.1F21_17 Datasheet
2Mb / 21P
Shockwave 698~960/1575.42/1710~2700MHz
TLS.01.1F11 TAOGLAS-TLS.01.1F11_17 Datasheet
2Mb / 21P
Shockwave 698~960/1575.42/1710~2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com