Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS30105111 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # TLS30105111
Description  Shockwave 433MHz Permanent Mount External Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TLS30105111 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  TLS30105111 Datasheet HTML 1Page - Taoglas antenna solutions TLS30105111 Datasheet HTML 2Page - Taoglas antenna solutions TLS30105111 Datasheet HTML 3Page - Taoglas antenna solutions TLS30105111 Datasheet HTML 4Page - Taoglas antenna solutions TLS30105111 Datasheet HTML 5Page - Taoglas antenna solutions TLS30105111 Datasheet HTML 6Page - Taoglas antenna solutions TLS30105111 Datasheet HTML 7Page - Taoglas antenna solutions TLS30105111 Datasheet HTML 8Page - Taoglas antenna solutions TLS30105111 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DSP-15-8-SPE-15-8-070/A/SS Page 2 of 12
1.Introduction
The Shockwave TLS.30.105111 is a mechanically robust, waterproof, external
antenna operating at the 433MHz ISM band with 1 meter low loss CFD-200 cable and
SMA(M) connector.
Common applications are, for example :
• mesh networks
• indoor/outdoor asset monitoring
• security systems
• remote control systems
• heavy-duty equipment/vehicle communication in harsh environments
The antenna has 56% efficiency and -0.54dBi peak gain at ISM 433MHz on a 30x30
cm ground plane. Stable radiation patterns over low angles provides consistent gain in
the horizontal plane, meaning that it is especially suitable for mesh networks or hot
spots.
A unique indent tab on the base of the antenna allows a wrench to be used to solidly
lock the antenna on top of its mounting location while tightening up the nut beneath
the metal panel. Waterproof O-rings around the bottom base prevent water from
leaking under the antenna.
The TLS.30 antenna is IP67 waterproof and IP69K resistant against high pressure
water jets in commercial cleaning environments, which makes the antenna ideal for
ISM 433MHz applications in harsh outdoor environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com