Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20100CTP Datasheet(PDF) 1 Page - Littelfuse

Part # MBRF20100CTP
Description  Low forward voltage drop
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MBRF20100CTP Datasheet(HTML) 1 Page - Littelfuse

  MBRF20100CTP Datasheet HTML 1Page - Littelfuse MBRF20100CTP Datasheet HTML 2Page - Littelfuse MBRF20100CTP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifier
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:11/09/15
MBRF20100CTP, 2x 10A, 100V, ITO-220AB, Common Cathode
MBRF20100CTP
Maximum Ratings
Parameters
Symbol
Test Conditions
Max
Unit
Peak Inverse Voltage
V
RWM
-
100
V
Average Forward Current
I
F(AV)
50% duty cycle @T
C = 105°C,
rectangular wave form
10 (per leg)
A
20 (total device)
Peak One Cycle Non-Repetitive Surge
Current (per leg)
I
FSM
8.3 ms, half Sine pulse
150
A
Pin out
RoHS Pb
Electrical Characteristics
Parameters
Symbol
Test Conditions
Max
Unit
Forward Voltage Drop (per leg) *
V
F1
@ 10A, Pulse, T
J = 25 °C
0.90
V
V
F2
@ 10A, Pulse, T
J = 125 °C
0.80
Reverse Current at DC condition (per leg)
I
R1
@V
R = rated VR TJ = 25 °C
1
mA
Reverse Current (per leg) *
I
R2
@V
R = rated VR TJ = 125 °C
6
Junction Capacitance (per leg)
C
T
@V
R = 5V, TC = 25 °C fSIG = 1MHz
250
pF
Typical Series Inductance (per leg)
L
S
Measured lead to lead 5 mm from package body
8.0
nH
Voltage Rate of Change
dv/dt
10,000
V/μs
RSM Isolation Voltage
(t = 1.0 second, R. H. < =30%,
T
A = 25 °C)
V
ISO
Clip mounting, the epoxy body away from the
heatsink edge by more than 0.110” along the lead
direction.
4500
V
Clip mounting, the epoxy body is inside the
heatsink.
3500
Screw mounting, the epoxy body is inside the
heatsink.
1500
* Pulse Width < 300μs, Duty Cycle <2%
Description
Applications
Littelfuse MBR series Schottky Barrier Rectifier is
designed to meet the general requirements of commercial
applications by providing high temperature, low leakage
and low V
F products.
It is suitable for high frequency switching mode power
supply, free-wheeling diodes and polarity protection
diodes.
• Switching mode power
supply
• Free-wheeling diodes
• DC/DC converters
• Polarity protection diodes
Features
• High junction
temperature capability
• Guard ring for enhanced
ruggedness and long
term reliability
• Low forward voltage drop
• High frequency operation
• Common cathode
configuration in
electrically isolated ITO-
220AB package
Pinout 1
D2-PAK & D-PAK
Common Cathode
Pinout 2
TO-220AB
Common Cathode
Pinout 3
ITO-220AB
Common Cathode
Pinout 4
ITO-220AB
Common Anode
Heat sink
Common
Cathode
1
3
Heat sink
1
3
2
1
3
2
Cathode
Cathode
1
3
2
Common
Anode
Common
Cathode
Common
Cathode
Anode
Anode
Anode
Anode
Anode
Anode
Common
Cathode
Heat sink
1
2
Pinout 5
TO-220AC
Cathode
Cathode
Anode


Similar Part No. - MBRF20100CTP

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRF20100CTP SMC-MBRF20100CTP Datasheet
120Kb / 6P
SCHOTTKY RECT
logo
SMC Diode Solutions Co....
MBRF20100CTP SMCDIODE-MBRF20100CTP Datasheet
401Kb / 4P
MBRF20100CTP SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - MBRF20100CTP

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Sangdest Microelectroni...
DB151S SMC-DB151S Datasheet
142Kb / 4P
Low forward voltage drop
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
KBP4005G DYELEC-KBP4005G Datasheet
238Kb / 2P
Low forward voltage drop
logo
Unisonic Technologies
MGBR15L100CL-TA3-T UTC-MGBR15L100CL-TA3-T Datasheet
163Kb / 3P
Low forward voltage drop
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
Low forward voltage drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com