Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS28H-R25080-CH Datasheet(PDF) 2 Page - Kemet Corporation

Part # SS28H-R25080-CH
Description  SS Coils, SS28V/H-CH Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS28H-R25080-CH Datasheet(HTML) 2 Page - Kemet Corporation

  SS28H-R25080-CH Datasheet HTML 1Page - Kemet Corporation SS28H-R25080-CH Datasheet HTML 2Page - Kemet Corporation SS28H-R25080-CH Datasheet HTML 3Page - Kemet Corporation SS28H-R25080-CH Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0031_SS28V/H-CH • 3/28/2017
AC Line Filters – SS Coils, SS28V/H-CH Type
Dimensions – Millimeters
SS28V-CH
24
30 Maximum
24 ±0.5
20 ±0.5
ø0.8
30 Maximum
30 Maximum
13 ±0.5
22 Maximum
10 ±0.5
13
ø0.8
Environmental Compliance
All KEMET AC Line Filters are RoHS Compliant.
RoHS Compliant
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert V for vertical core type or H for horizontal core type.
SS28H-CH
24
30 Maximum
24 ±0.5
20 ±0.5
ø0.8
30 Maximum
30 Maximum
13 ±0.5
22 Maximum
10 ±0.5
13
ø0.8
Part Number
Rated Current
AC (A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Weight (g) Approximate
V
H
SS28(1)-08350-CH
0.8
35
0.95
45
32.0
29.6
SS28(1)-10250-CH
1.0
25
0.65
45
33.4
31.0
SS28(1)-15100-CH
1.5
10
0.35
50
30.0
27.6
SS28(1)-20075-CH
2.0
7.5
0.22
45
32.7
30.3
SS28(1)-25045-CH
2.5
4.5
0.16
45
32.9
30.5
SS28(1)-K08530-CH
0.8
53
0.95
45
32.0
29.6
SS28(1)-K10410-CH
1.0
41
0.65
45
33.4
31.0
SS28(1)-K15155-CH
1.5
15.5
0.35
50
30.0
27.6
SS28(1)-K20115-CH
2.0
11.5
0.22
45
32.7
30.3
SS28(1)-K25075-CH
2.5
7.5
0.16
45
32.9
30.5
SS28(1)-R08600-CH
0.8
60
0.95
45
32.0
29.6
SS28(1)-R10450-CH
1.0
45
0.65
45
33.4
31.0
SS28(1)-R15170-CH
1.5
17
0.35
50
30.0
27.6
SS28(1)-R20130-CH
2.0
13
0.22
45
32.7
30.3
SS28(1)-R25080-CH
2.5
8.0
0.16
45
32.9
30.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com