Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW24SMAM Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FW24SMAM
Description  Meteor 2.4GHz Flexible Whip Monopole Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW24SMAM Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FW24SMAM Datasheet HTML 1Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 2Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 3Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 4Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 5Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 6Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 7Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 8Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DSP-15-8- SPE-17-8-003/A/AW
Page 2 of 12
1.Introduction
The FW.24 is a flexible 2.4GHz whip antenna with a SMA(M) connector for
outdoor use. It features excellent efficiency (>75%) and high peak gain (>4 dBi)
between 2400-2500MHz on a 30*30cm ground plane.
The antenna was specifically developed for applications such as weather monitoring
systems, motion/vibration sensors, pollution monitoring, and border guard monitoring
systems.
The FW.24 works in the 2.4 GHz Wi-Fi/Bluetooth/ISM band with high efficiency,
meaning that it allows your radio to consume less power than with a lower
efficiency antenna when transferring data. The antenna performs at its best while
attached to a ground plane with dimensions of at least 30*30cm.
The whip is made of a flexible inner steel core covered by PE so it is extremely
resistant to abrasion and maintains its original shape and RF performance. This
rugged design and IP67 rating has been tested by customers to withstand
environmental stress and moderate physical shock in the field.
The FW.24.SMA.M 2.4GHz antenna provides a simple solution to any outdoor
devices where the FW.24 antenna’s rugged design and high efficiency can
provide the best value to the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com