Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW45BSMAM Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FW45BSMAM
Description  Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW45BSMAM Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FW45BSMAM Datasheet HTML 1Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 2Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 3Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 4Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 5Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 6Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 7Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 8Page - Taoglas antenna solutions FW45BSMAM Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SP-15-8 SPE-16-8-005/C/WY
Page 1 of 13
SPECIFICATION
Part No.
: FW.45.B.SMA.M
Description
: Meteor
450-470MHz Flexible Whip Monopole
Antenna SMA(M) Straight
Features
: Monopole Antenna
Designed for Outdoor Use
Over 70% high efficiency*
Over 1 dBi peak gain*
Robust Inner Steel Core
Antenna Length: 290mm
SMA Type(M) Straight Connector
IP65 dust and water-resistant
*Tested on 30cm*30cm Ground Plane
RoHS Compliant


Similar Part No. - FW45BSMAM

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
Multiservice Provisioning Platform
More results

Similar Description - FW45BSMAM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW80SMAM ETC2-FW80SMAM Datasheet
176Kb / 6P
Meteor 169MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna SMA Male connector
FW81SMAM ETC2-FW81SMAM Datasheet
167Kb / 6P
Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna SMA Male connector
logo
Taoglas antenna solutio...
FW24NTYM TAOGLAS-FW24NTYM Datasheet
866Kb / 15P
Meteor-2.4GHz Flexible Whip Monopole Antenna N Type(M) Straight
FW24SMAM TAOGLAS-FW24SMAM Datasheet
984Kb / 12P
Meteor 2.4GHz Flexible Whip Monopole Antenna
FW43BSMAM TAOGLAS-FW43BSMAM Datasheet
1Mb / 12P
ISM Band 433MHz Flexible Whip Monopole Antenna SMA(M) Straight
FW80SMAM TAOGLAS-FW80SMAM Datasheet
471Kb / 7P
Meteor 169MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
FW81SMAM TAOGLAS-FW81SMAM Datasheet
167Kb / 6P
Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
FW86BSMAM TAOGLAS-FW86BSMAM Datasheet
1Mb / 12P
Meteor ISM Band 868MHz Flexible Whip Monopole Antenna SMA(M) Straight
FW86RNTM TAOGLAS-FW86RNTM Datasheet
859Kb / 14P
Meteor-868MHz Flexible Whip Monopole Antenna RP-N Type(M) Straight
FW95BSMAM TAOGLAS-FW95BSMAM Datasheet
2Mb / 12P
Meteor ISM Band 915Mhz Flexible Whip Monopole Antenna SMA(M) Straight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com