Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP810070100C Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FXP810070100C
Description  FXP.810 Freedom Wi-Fi 2.4/4.9-6GHz Series PIFA Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP810070100C Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FXP810070100C Datasheet HTML 1Page - Taoglas antenna solutions FXP810070100C Datasheet HTML 2Page - Taoglas antenna solutions FXP810070100C Datasheet HTML 3Page - Taoglas antenna solutions FXP810070100C Datasheet HTML 4Page - Taoglas antenna solutions FXP810070100C Datasheet HTML 5Page - Taoglas antenna solutions FXP810070100C Datasheet HTML 6Page - Taoglas antenna solutions FXP810070100C Datasheet HTML 7Page - Taoglas antenna solutions FXP810070100C Datasheet HTML 8Page - Taoglas antenna solutions FXP810070100C Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPE-11-8-050/F
Page 2 of 12
1.Introduction
The FXP810 has a peak gain of 1.5dBi at 2.4GHz and efficiencies of 60-70%,
increasing to 5dBi and 80-90% along bands 4.9GHz to 6GHz.
At 31*31*0.1mm in size this antenna is uniquely valuable for small tag type mobile
devices in that it can slip between the battery and the main PCB ground of
small devices to get increased performance from the ground coupling effect. Only the
top 6.5mm radiating element needs to protrude out from the side of the main board,
allowing such devices to have the highest possible performance at smallest possible
dimensions, it accomplishes this because it does not need clearance or footprint space
on the device board itself that all on-board chip, loop and patch antennas need.
Many module manufacturers specify peak gain limits for any antennas that are to be
connected to that module. Those peak gain limits are based on free-space conditions.
In practice, the peak gain of an antenna tested in free-space can degrade by at least
1 or 2dBi when put inside a device. So ideally you should go for a slightly higher peak
gain antenna than mentioned on the module specification to compensate for this effect,
giving you better performance.
Upon testing of any of our antennas with your device and a selection of appropriate
layout, integration technique, or cable, Taoglas can make sure any of our antennas’
peak gain will be below the peak gain limits. Taoglas can then issue a specification
and/or report for the selected antenna in your device that will clearly show it
complying with the peak gain limits, so you can be assured you are meeting regulatory
requirements for that module.
For example, a module manufacturer may state that the antenna must have less than
2dBi peak gain, but you don’t need to select an embedded antenna that has a peak
gain of less than 2dBi in free-space. This will give you a less optimized solution. It is
better to go for a slightly higher free-space peak gain of 3dBi or more if available. Once
that antenna gets integrated into your device, performance will degrade below this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com