Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTD2012 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FTD2012
Description  N- Channel Silicon MOS FET Load S/W USE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD2012 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FTD2012 Datasheet HTML 1Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications and information herein are subject to change without notice.
990702TM2fXHD
Absolute Maximum Ratings / Ta=25
°C
Drain to Source Voltage
Gate to Source Voltage
Drain Current(DC)
Drain Current(Pulse)
Allowable power Dissipation
Total Dissipation
Channel Temperature
Storage Temperature
V
V
A
A
W
W
°C
°C
Electrical Characteristics / Ta=25
°C
Drain to Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate to Source Leakage Current
Cutoff Voltage
Forward Transfer Admittance
Static Drain to Source
On State Resistance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-ON Delay Time
Rise Time
Turn-OFF Delay Time
Fall Time
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Diode Forward Voltage
Switching Time Test Circuit
VDSS
VGSS
ID
IDP
PD
PT
Tch
Tstg
TENTATIVE
PW
≤10µS, dutycycle≤1%
Mounted on ceramic board
(1000mm2 ! 0.8mm) 1unit
Mounted on ceramic board
(1000mm2 ! 0.8mm)
unit
Features
• Low ON-state resistance.
• 4V drive.
• Mount height of 1.1mm.
• Complex Type enabling high density mount
30
±20
4.5
20
0.8
1.3
150
--55 to +150
min
typ
max
unit
30
1.0
6.3
V
µA
µA
V
S
m
Ω
m
Ω
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
V
V(BR)DSS
IDSS
IGSS
VGS(off)
| yfs |
RDS(on) 1
RDS(on) 2
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
VSD
ID=1mA
, VGS=0
VDS=30V
, VGS=0
VGS=
±16V , VDS=0
VDS=10V
, ID=1mA
VDS=10V
, ID=4.5A
ID=4.5A
, VGS=10V
ID=4A
, VGS=4V
VDS=10V
, f=1MHz
VDS=10V
, f=1MHz
VDS=10V
, f=1MHz
See Specified Test Circuit
VDS=10V, VGS=10V, ID=4.5A
IS=4.5A
, VGS=0
N- Channel Silicon MOS FET
Load S/W USE
9
26
43
750
170
105
12
56
73
38
18
2.3
3.2
0.8
1
±10
2.4
34
60
1.2
50
Ω
P.G
FTD2012
S
G
D
VOUT
VDD=15V
VIN
ID=4.5A
RL=3.3
Ω
PW=10
µS
D.C.
≤1%
VIN
10V
0V
FTD2012
Case Outline
TSSOP8(unit:mm)
Electrical Connection
D2
S2
S2
G2
D1
S1
S1
G1
1 : Drain1
2 : Source1
3 : Source1
4 : Gate1
5 : Gate2
6 : Source2
7 : Source2
8 : Drain2
0.425
5
3.0
0.125
0.25
0.65
6
7
8
4
3
2
1
Marking : D2012
SANYO Electric Co., Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10,1 Chome, Ueno, taito-ku, 110 JAPAN
"
"
"


Similar Part No. - FTD2012

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTD2011 SANYO-FTD2011 Datasheet
69Kb / 4P
Load Switching Applications
logo
Guangdong Kexin Industr...
FTD2011 KEXIN-FTD2011 Datasheet
80Kb / 2P
Dual N-Channel Enhancement Mode MOSFET
logo
Sanyo Semicon Device
FTD2011A SANYO-FTD2011A Datasheet
52Kb / 4P
N CHANNEL MOS SILICON TRANSISTOR
FTD2013 SANYO-FTD2013 Datasheet
76Kb / 4P
Load Switching Applications
FTD2014 SANYO-FTD2014 Datasheet
41Kb / 4P
Load Switching Applications
More results

Similar Description - FTD2012

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
Silicon N-Channel MOS FET
2SK655 PANASONIC-2SK655 Datasheet
35Kb / 2P
Silicon N-Channel MOS FET
2SK664 PANASONIC-2SK664 Datasheet
35Kb / 2P
Silicon N-Channel MOS FET
logo
Renesas Technology Corp
RQA0009SXAQS RENESAS-RQA0009SXAQS Datasheet
200Kb / 13P
Silicon N-Channel MOS FET
2SK1215 RENESAS-2SK1215 Datasheet
140Kb / 6P
Silicon N-Channel MOS FET
2SK1303 RENESAS-2SK1303 Datasheet
84Kb / 7P
Silicon N Channel MOS FET
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com