Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS070113 Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # TS070113
Description  Orange Straight TS.07 GPS/GLONASS/GALILEO/BeiDou Monopole Passive Antenna
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TS070113 Datasheet(HTML) 5 Page - Taoglas antenna solutions

  TS070113 Datasheet HTML 1Page - Taoglas antenna solutions TS070113 Datasheet HTML 2Page - Taoglas antenna solutions TS070113 Datasheet HTML 3Page - Taoglas antenna solutions TS070113 Datasheet HTML 4Page - Taoglas antenna solutions TS070113 Datasheet HTML 5Page - Taoglas antenna solutions TS070113 Datasheet HTML 6Page - Taoglas antenna solutions TS070113 Datasheet HTML 7Page - Taoglas antenna solutions TS070113 Datasheet HTML 8Page - Taoglas antenna solutions TS070113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SPE-14-8-115/A/EW
Page 5 of 30
3. Antenna Characteristics
3.1 Testing setup
Antenna Straight Position
a)In free space
b)with 15*9cm
c)with 30*30cm
d)with 30*30cm
Ground
Ground Metal Edge
Ground Metal Center
Antenna bent Position
a)In free space
b)with 15*9cm
c)with 30*30cm
d)with 30*30cm
Ground
Ground Metal Edge
Ground Metal Center
Figure.1 Measurement environments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com