Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8SN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G8SN
Description  SubMiniature Automotive PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G8SN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G8SN Datasheet HTML 1Page - List of Unclassifed Manufacturers G8SN Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G8SN
G8SN
Application Examples
• Electric wing mirror
• Car audio
• Power radio aerial
• Air–conditioning
• Courtesy lamp
• Power window
• Electric sunroof
• Intermittent windshield wiper
• Passive restraint seatbelt
• Power door lock
• Power seat
Dimensions
RATED VOLTAGE
22.5 MAX.
MARK
TYPE
LOT NO.
16.5 MAX.
16.5 MAX.
0.5
3.5
2.1
2
12.2
5.3
1.8
1.8
12
Ø1.6
4–Ø1.3
(All dimensions in mm)
Omron PCB relays may be mounted in any
convenient location that is dry and not exposed to
excessive dust, S02, H2S or organic gases.
All Omron PCB relays may be oriented in any
desired direction. Whenever possible, however,
care should be taken that they are not subjected
to vibration along the direction of contact
movement.
If several relays are to be mounted on a single
printed circuit board, they should be given at least
3mm clearance on all sides as shown in the
diagram below.
3mm min.
3mm min.
Note:
Proper spacing is necessary to dissipate heat build–up
from individual relays. Other than this, there are normally
no restrictions depending on application. Please contact
Omron for details.
OMRON Electronics Ltd.
1, Apsley Way,
Staples Corner,
London NW2 7HF
Phone: (0181) 450 4646 Fax: (0181) 450 8087
Cat. No. C–G8SN–001
LEADERS IN ELECTRONIC COMPONENTS
In the interest of product improvement, specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com