Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVR06K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TVR06K
Description  Glass Passivated Junction Fast Switching Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TVR06K Datasheet(HTML) 2 Page - Vishay Siliconix

  TVR06K Datasheet HTML 1Page - Vishay Siliconix TVR06K Datasheet HTML 2Page - Vishay Siliconix TVR06K Datasheet HTML 3Page - Vishay Siliconix TVR06K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TVR06D thru TVR06K
www.vishay.com
Vishay General Semiconductor
Revision: 07-Nov-16
2
Document Number: 88921
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, PCB mounted
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TVR06D
TVR06G
TVR06J
TVR06K
UNIT
Maximum instantaneous forward voltage
0.6 A
VF
1.4
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
TA = 150 °C
IR
10
μA
200
Maximum reverse recovery time
IF = 2 mA, VR = 15 V,
Irr = 0.1 A
trr
300
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
15
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TVR06D
TVR06G
TVR06J
TVR06K
UNIT
Typical thermal resistance
RJA (1)
55
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TVR06J-E3/54
0.336
54
5500
13" diameter paper tape and reel
TVR06J-E3/73
0.336
73
3000
Ammo pack packaging
Ambient Temperature (°C)
0
50
75
100
125
150
175
0
0.5
0.6
0.7
0.8
0.375" (9.5 mm) Lead Length
Resistive or Inductive Load
0.4
0.3
0.2
0.1
25
10
100
0
10
20
30
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
(JEDEC Method)
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com