Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPC25B35 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # WPC25B35
Description  2dBi 25mm 2.4 Ghz Patch Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

WPC25B35 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  WPC25B35 Datasheet HTML 1Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 2Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 3Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 4Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 5Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 6Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 7Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 8Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPE-14-8-113/D/WY
Page 1 of 10
SPECIFICATION
Part No.
:
WPC.25B.35
Product Name
:
2dBi 25mm 2.4 GHz Patch Antenna
With MMCX Female Connector
Features
:
Ceramic Patch
25*25*4.5mm
Compact Integration
with On-board MMCX Female Connector
ROHS Compliant
:
Bottom
Top


Similar Part No. - WPC25B35

ManufacturerPart #DatasheetDescription
logo
Littelfuse
WPC2512 LITTELFUSE-WPC2512 Datasheet
422Kb / 7P
Two-Terminal Surface Mount Resistor
10/29/24
WPC25120M50-0M75 LITTELFUSE-WPC25120M50-0M75 Datasheet
422Kb / 7P
Two-Terminal Surface Mount Resistor
10/29/24
WPC2512GL0M50FWR LITTELFUSE-WPC2512GL0M50FWR Datasheet
422Kb / 7P
Two-Terminal Surface Mount Resistor
10/29/24
WPC2512GL0M75FWR LITTELFUSE-WPC2512GL0M75FWR Datasheet
422Kb / 7P
Two-Terminal Surface Mount Resistor
10/29/24
WPC2512QLR002FWR LITTELFUSE-WPC2512QLR002FWR Datasheet
422Kb / 7P
Two-Terminal Surface Mount Resistor
10/29/24
More results

Similar Description - WPC25B35

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
2.4 GHz Patch Antenna for ISM Band
logo
List of Unclassifed Man...
AP25J0110000D ETC2-AP25J0110000D Datasheet
1Mb / 9P
25mm Three Stage Active GPS Patch Antenna
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
2.4 GHz panel antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
2.4 GHz WiFi Antenna
logo
Taoglas antenna solutio...
CGIP254A02 TAOGLAS-CGIP254A02 Datasheet
762Kb / 15P
25mm Iridium Ceramic Patch Antenna
SWLP2450104A02 TAOGLAS-SWLP2450104A02 Datasheet
1Mb / 17P
10mm Surface Mount 2.4 GHz Patch Antenna
AP25J0110000D TAOGLAS-AP25J0110000D Datasheet
592Kb / 8P
25mm Three Stage Active GPS Patch Antenna
logo
Maxtena Inc.
MPA-254-WIFI MAXTENA-MPA-254-WIFI Datasheet
1Mb / 3P
WIFI 2.4/5 GHz Embedded Patch Antenna
REV A
logo
AVX Corporation
1003468 AVX-1003468 Datasheet
869Kb / 3P
Wi-Fi/BT/Zigbee Ceramic Patch 2.4 GHz Antenna
1/9/2023 TDS-ANT-0018 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com