Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5232B Datasheet(PDF) 2 Page - Semtech Corporation

Part # MMBZ5232B
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

MMBZ5232B Datasheet(HTML) 2 Page - Semtech Corporation

  MMBZ5232B Datasheet HTML 1Page - Semtech Corporation MMBZ5232B Datasheet HTML 2Page - Semtech Corporation MMBZ5232B Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 27/05/2006
MMBZ5221B~MMBZ5261B
Characteristics at Ta = 25 OC
Zener Voltage Range
1)
Type
Marking
Code
Vznom
V
IZT
mA
VZT
V
ZZT
(Ω) max.
ZZK
IZK = 0.25 mA
(Ω) max.
IR
@ VR
(µA) max.
(V)
MMBZ5221B
Y0
2.4
20
2.28…2.52
30
1200
100
1
MMBZ5223B
Z0
2.7
20
2.57…2.84
30
1300
75
1
MMBZ5225B
AA
3.0
20
2.85…3.15
30
1600
50
1
MMBZ5226B
AB
3.3
20
3.14…3.47
28
1600
25
1
MMBZ5227B
AC
3.6
20
3.42…3.78
24
1700
15
1
MMBZ5228B
AD
3.9
20
3.71…4.1
23
1900
10
1
MMBZ5229B
AE
4.3
20
4.09…4.52
22
2000
5
1
MMBZ5230B
AF
4.7
20
4.47…4.94
19
1900
5
2
MMBZ5231B
AH
5.1
20
4.85…5.36
17
1600
5
2
MMBZ5232B
AJ
5.6
20
5.32…5.88
11
1600
5
3
MMBZ5233B
AK
6
20
5.7…6.3
7
1600
5
3.5
MMBZ5234B
AM
6.2
20
5.89…6.51
7
1000
5
4
MMBZ5235B
AN
6.8
20
6.46…7.14
5
750
3
5
MMBZ5236B
AP
7.5
20
7.13…7.88
6
500
3
6
MMBZ5237B
AR
8.2
20
7.79…8.61
8
500
3
6.5
MMBZ5238B
AX
8.7
20
8.27…9.14
8
600
3
6.5
MMBZ5239B
AY
9.1
20
8.65…9.56
10
600
3
7
MMBZ5240B
AZ
10
20
9.5…10.5
17
600
3
8
MMBZ5241B
BA
11
20
10.45…11.55
22
600
2
8.4
MMBZ5242B
BB
12
20
11.4…12.6
30
600
1
9.1
MMBZ5243B
BC
13
9.5
12.35…13.65
13
600
0.5
9.9
MMBZ5245B
BE
15
8.5
14.25…15.75
16
600
0.1
11
MMBZ5246B
BF
16
7.8
15.2…16.8
17
600
0.1
12
MMBZ5247B
BH
17
7.4
16.15…17.85
19
600
0.1
13
MMBZ5248B
BJ
18
7
17.1…18.9
21
600
0.1
14
MMBZ5249B
BK
19
6.6
18.05…19.95
23
600
0.1
14
MMBZ5250B
BM
20
6.2
19…21
25
600
0.1
15
MMBZ5251B
BN
22
5.6
20.9…23.1
29
600
0.1
17
MMBZ5252B
BP
24
5.2
22.8…25.2
33
600
0.1
18
MMBZ5253B
BR
25
5
23.75…26.25
35
600
0.1
19
MMBZ5254B
BX
27
4.6
25.65…28.35
41
600
0.1
21
MMBZ5255B
BY
28
4.5
26.6…29.4
44
600
0.1
21
MMBZ5256B
BZ
30
4.2
28.5…31.5
49
600
0.1
23
MMBZ5257B
CA
33
3.8
31.35…34.65
58
700
0.1
25
MMBZ5258B
CB
36
3.4
34.2…37.8
70
700
0.1
27
MMBZ5259B
CC
39
3.2
37.05…40.95
80
800
0.1
30
MMBZ5260B
CD
43
3
40.85…45.15
93
800
0.1
33
MMBZ5261B
CE
47
2.7
44.65…49.35
105
1000
0.1
36
1) Tested with pulses tp = 20 ms.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com