Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM200A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # CMM200A
Description  5-6GHz Passive Massive MIMO Modular Panel System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CMM200A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  CMM200A Datasheet HTML 1Page - Taoglas antenna solutions CMM200A Datasheet HTML 2Page - Taoglas antenna solutions CMM200A Datasheet HTML 3Page - Taoglas antenna solutions CMM200A Datasheet HTML 4Page - Taoglas antenna solutions CMM200A Datasheet HTML 5Page - Taoglas antenna solutions CMM200A Datasheet HTML 6Page - Taoglas antenna solutions CMM200A Datasheet HTML 7Page - Taoglas antenna solutions CMM200A Datasheet HTML 8Page - Taoglas antenna solutions CMM200A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DSP-17-08-005/A/JD
Page 3 of 15
2. SPECIFICATION
ELECTRICAL
Standard
Frequency (MHz)
5500-5790
5790-5990
5990-6250
Max VSWR*
2.0:1
1.5:1
2.0:1
Max Return Loss (dB)*
-10
-14
-10
Peak Gain (dBi)*
6.5
7
6.5
Efficiency (%)*
75
80
75
Average Gain (dB)*
-1.25
-1
-1.25
3dB beamwidth*
±45°
±45°
±45°
Field pattern
Endfire
Isolation, H-V same element*
-20 typ
-30 typ
-20 typ
Isloation, V-V horz offset, or H-H vert offset, dB*
-17 max
-17 max
-17 max
Isolation, V-V vert offset, or H-H horz offset*
-19 max
-20 max
-20 max
Coupling, any element to CAL port, dB*
-27 to -38
-27 to -38
-27 to -38
Insertion loss, CAL port to CAL_DAISY port*
-3.5dB max
3.5dB max
3.5dB max
Return Loss, CAL or CAL_DAISY port*
-20dB
-20dB
-20dB
Max Input Power (Watts)
5
Polarization
Dual linear with H and V polarization
Impedance (Ohms)
50 Ohms
MECHANICAL
Arraying Dimensions (mm)
56x224x32 mm
Max Dimensions (mm)
61x229x32 mm
Material
Aluminum and Hi-Impact ABS
Connector
SMA-F for each of 32 antenna ports and 2 calibration ports
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 85°C
Relative Humidity
40% to 95%
RoHs Compliant
Yes
* Measured with loads on all other ports and ground extensions installed around periphery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com