Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GW260112HT Datasheet(PDF) 9 Page - Taoglas antenna solutions

Part # GW260112HT
Description  2.4GHz Miniature Screw Mount Monopole Antenna HIGH TEMPERATURE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GW260112HT Datasheet(HTML) 9 Page - Taoglas antenna solutions

Back Button GW260112HT Datasheet HTML 5Page - Taoglas antenna solutions GW260112HT Datasheet HTML 6Page - Taoglas antenna solutions GW260112HT Datasheet HTML 7Page - Taoglas antenna solutions GW260112HT Datasheet HTML 8Page - Taoglas antenna solutions GW260112HT Datasheet HTML 9Page - Taoglas antenna solutions GW260112HT Datasheet HTML 10Page - Taoglas antenna solutions GW260112HT Datasheet HTML 11Page - Taoglas antenna solutions GW260112HT Datasheet HTML 12Page - Taoglas antenna solutions GW260112HT Datasheet HTML 13Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SPE-13-8-062/G/PK
Page 9 of 13
4.6
Antenna pattern (XZ plane)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
30
60
90
120
150
180
210
240
270
300
330
2400MHz
2420MHz
2440MHz
2460MHz
2480MHz
2500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com