Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL3140 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL3140
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3140 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL3140 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
0
0
TS – CASE TEMPERATURE – °C
200
600
400
25
800
50
75 100
200
150 175
PS (mW)
125
100
300
500
700
IS (mA)
Insulation and Safety Related Specifications
Parameter
Symbol
HCPL-3140
HCPL-0314
Units
Conditions
Minimum External Air Gap
L(101)
7.1
4.9
mm
Measured from input terminals
(Clearance)
to output terminals, shortest
distance through air.
Minimum External Tracking
L(102)
7.4
4.8
mm
Measured from input terminals
(Creepage)
to output terminals, shortest
distance path along body.
Minimum Internal Plastic Gap
0.08
0.08
mm
Through insulation distance
(Internal Clearance)
conductor to conductor, usually
the straight line distance
thickness between the emitter
and detector.
Tracking Resistance
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking Index)
Isolation Group
IIIa
IIIa
Material Group (DIN VDE
0110, 1/89, Table 1)
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
100
°C
Average Input Current
IF(AVG)
25
mA
1
Peak Transient Input Current (<1
µs pulse
IF(TRAN)
1.0
A
width, 300pps)
Reverse Input Voltage
VR
5V
“High” Peak Output Current
IOH(PEAK)
0.6
A
2
“Low” Peak Output Current
IOL(PEAK)
0.6
A
2
Supply Voltage
VCC-VEE
-0.5
35
V
Output Voltage
VO(PEAK)
-0.5
VCC
V
Output Power Dissipation
PO
250
mW
3
Input Power Dissipation
PI
105
mW
4
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com