Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD29029 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HD29029
Description  Dual CCD Drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29029 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HD29029 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29029 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29029 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29029 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29029 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Absolute Maximum Ratings
HD29029
Notes: 1. The voltage value is defined with respect to ground terminal unless otherwise noted.
2. The total power dissipation is at Ta = 25
°C. When driving large capacity with high frequency
radiation is needed. There fore, delating with 8mW/
°C (DP–8) or 5.9 mW/°C(FP–8) must be done
as shown below.
3. The absolute maximum ratings are values which must not individually be exceeded, and
furthmore, no two of which may be realized at same time.
Item
Supply Voltage
Input Voltage
Operating Temperature
Storage Temperature
Symbol
Unit
V
°C
Ratings
VCC
VIN
Ta
Tstg
15
7
–20 to +75
–65 to +150
Junction Temperature
°C
Tj
150
Power Dissipation per Package
°C
PT
1
FP–8
0.735
DP–8
Output Current
lo(peak)
±0.5
A
W
PT
(W)
Ta(
°C)
Ta(
°C)
PT
(W)
1.0
0.6
0.5
0
-20
0
25
50
75
1.0
0.735
0.5
0.44
0
-20
0
25
50
75
*1
*2
V
HD29029



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com