Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G32FS3-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC1G32FS3-7
Description  SINGLE 2 INPUT POSITIVE OR GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G32FS3-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC1G32FS3-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74LVC1G32
Document number: DS32200 Rev. 8 - 2
5 of 14
www.diodes.com
July 2014
© Diodes Incorporated
74LVC1G32
Switching Characteristics
Figure 1 Typical Values at TA = +25°C and nominal voltages 1.8V, 2.5V, 2.7V, 3.3V, and 5.0V.
Parameter
From
Input
To
Output
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ.
Max
Min
Max
tpd
A or B
Y
1.8V ± 0.15V
1.0
3.1
8.0
1.0
10.5
ns
2.5V ± 0.2V
0.5
2.1
5.5
0.5
7.0
2.7V
0.5
2.5
5.5
0.5
7.0
3.3V ± 0.3V
0.5
2.1
4.5
0.5
6.0
5.0V ± 0.5V
0.5
1.7
4.0
0.5
5.5
Operating Characteristics
TA = +25°C
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ
Typ
Typ
Typ
Cpd
Power Dissipation
Capacitance
f = 10 MHz
20
20
21
22
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com