Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-P00DMS30 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTPL-P00DMS30
Description  HIGH POWER LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P00DMS30 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTPL-P00DMS30 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P00DMS30
Page:
3
of
13
BNC-OD-C131/A4
Electro-Optical Characteristics at Ta=25°C
Parameter
Symbol
MIN.
TYP.
MAX.
Test Condition
Unit
2.7
3.0
3.6
IF= 40mA*
1
Forward Voltage*
1
VF
2.7
3.2
3.8
IF= 75mA*
1
V
10
16
IF = 40mA*
1
Luminous Flux*
2
ΦV
23.5
27
IF = 75mA*
1
lm
65
IF = 40mA*
1
Efficiency
η
60
IF = 75mA*
1
lm/W
Reverse Current*
1
IR
100
VR = 5V*
1
µA
Color Rendering Index
CRI
80
IF = 75mA
*1
View Angle*
2
2θ
1/2
120
IF = 75mA*
1
°
Cx
0.432
Cy
0.400
IF = 40mA*
1
Cx
0.435
Chromaticity Coordinates*
2
Cy
0.403
IF = 75mA*
1
Notes
1.
For each die.
2.
When all LED dies are operated simultaneously.
3.
Luminous flux is the total luminous flux output as measured with an integrating sphere.
4.
The chromaticity coordinates (x, y) is derived from the CIE 1931 chromaticity diagram.
5.
IS CAS140B is for the luminous flux (lm) and the CIE1931 chromaticity coordinates (x, y) testing.
The chromaticity coordinates (x, y) guarantee should be added ± 0.005 tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com