Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS99C51 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # HMS99C51
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS99C51 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button HMS99C51 Datasheet HTML 35Page - Hynix Semiconductor HMS99C51 Datasheet HTML 36Page - Hynix Semiconductor HMS99C51 Datasheet HTML 37Page - Hynix Semiconductor HMS99C51 Datasheet HTML 38Page - Hynix Semiconductor HMS99C51 Datasheet HTML 39Page - Hynix Semiconductor HMS99C51 Datasheet HTML 40Page - Hynix Semiconductor HMS99C51 Datasheet HTML 41Page - Hynix Semiconductor HMS99C51 Datasheet HTML 42Page - Hynix Semiconductor HMS99C51 Datasheet HTML 43Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
HMS99C5X Series
Jan. 2003 Ver 1.0
35
Figure 9. AC Testing: Input, Output Waveforms
Figure 10. Float Waveforms
Figure 11. External Clock Cycle
AC Inputs during testing are driven at VCC−0.5V for a logic ‘1’ and 0.45V for a logic ‘0’.
0.2VCC + 0.9
0.2VCC − 0.1
Test Points
VCC−0.5V
0.45V
Timing measurements are made a VIHmin for a logic ‘1’ and VILmax for a logic ‘0’.
VLOAD + 0.1
VLOAD − 0.1
Timing Reference Points
0.2VCC − 0.1
VOH − 0.1
VOL + 0.1
VLOAD
For timing purposes a port pin is no longer floating when a 100mV change from load voltage
IOL / IOH ≥ 20mA.
occurs and begins to float when a 100mV change from the loaded VOH / VOL level occurs.
tCHCL
tCLCH
tCHCX
tCLCL
tCLCX
0.2 VCC −0.1
0.7 VCC
VCC−0.5V
0.45V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com