Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSSR8060 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSSR8060
Description  60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSSR8060 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSSR8060 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Outline Drawing
6-pin DIP Package (HSSR-8060)
9.40 (0.370)
9.90 (0.390)
PIN
ONE
DOT
HP RXXXX
YYWW
TYPE
NUMBER
DATE CODE
2.16 (0.085)
2.54 (0.100)
2.28 (0.090)
2.80 (0.110)
0.51 (0.020) MIN.
0.45 (0.018)
0.65 (0.025)
4.70 (0.185) MAX.
2.92 (0.115) MIN.
6.10 (0.240)
6.60 (0.260)
0.20 (0.008)
0.33 (0.013)
5° TYP.
7.36 (0.290)
7.88 (0.310)
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
3
2
1
1.78 (0.070) MAX.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com