Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS932S208 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS932S208
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S208 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS932S208 Datasheet HTML 9Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 10Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 11Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 12Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 13Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 14Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 15Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 16Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS932S208
0743D—07/07/04
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PCI_Stop#
PCI_Stop# Control
0:all stoppable PCI
are stopped
RW
Enable
Disable
1
Bit 6
PCICLK6
Output Control
RW
Disable
Enable
1
Bit 5
PCICLK5
Output Control
RW
Disable
Enable
1
Bit 4
PCICLK4
Output Control
RW
Disable
Enable
1
Bit 3
PCICLK3
Output Control
RW
Disable
Enable
1
Bit 2
PCICLK2
Output Control
RW
Disable
Enable
1
Bit 1
PCICLK1
Output Control
RW
Disable
Enable
1
Bit 0
PCICLK0
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
48MHz_USB
2x output drive
0=2x drive
RW
2x drive
normal
1
Bit 6
48MHz_USB
Output Control
RW
Disable
Enable
1
Bit 5
PCIF2
RW
FREE-RUN
STOPPABLE
0
Bit 4
PCIF1
RW
FREE-RUN
STOPPABLE
0
Bit 3
PCIF0
RW
FREE-RUN
STOPPABLE
0
Bit 2
PCICLK_F2
Output Control
RW
Disable
Enable
1
Bit 1
PCICLK_F1
Output Control
RW
Disable
Enable
1
Bit 0
PCICLK_F0
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
48MHZ_DOT
Output Control
RW
Disable
Enable
1
Bit 6
CPUT3/CPUC3
Output Control
RW
Disable
Enable
1
Bit 5
3V66_4/VCH
Select
Output Select
RW
3V66
VCH
0
Bit 4
3V66_4/VCH
Output Control
RW
Disable
Enable
1
Bit 3
3V66_3
Output Control
RW
Disable
Enable
1
Bit 2
3V66_2
Output Control
RW
Disable
Enable
1
Bit 1
3V66_1
Output Control
RW
Disable
Enable
1
Bit 0
3V66_0
Output Control
RW
Disable
Enable
1
7
50/49
29
29
27
23
22
18
15
14
26
Byte 5
32
9
13
12
8
Byte 3
7,8,9,12,13,14,15,
18,19,20,37,38,
20
19
7
9
8
PCI FREE-RUN
NING CONTROL
Byte 4
31
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com