Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS84329AVT Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS84329AVT
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84329AVT Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS84329AVT Datasheet HTML 11Page - Integrated Circuit Systems ICS84329AVT Datasheet HTML 12Page - Integrated Circuit Systems ICS84329AVT Datasheet HTML 13Page - Integrated Circuit Systems ICS84329AVT Datasheet HTML 14Page - Integrated Circuit Systems ICS84329AVT Datasheet HTML 15Page - Integrated Circuit Systems ICS84329AVT Datasheet HTML 16Page - Integrated Circuit Systems ICS84329AVT Datasheet HTML 17Page - Integrated Circuit Systems ICS84329AVT Datasheet HTML 18Page - Integrated Circuit Systems ICS84329AVT Datasheet HTML 19Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
84329AV
www.icst.com/products/hiperclocks.html
REV. D DECEMBER 15, 2004
15
Integrated
Circuit
Systems, Inc.
ICS84329
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
37.8°C/W
31.1°C/W
28.3°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS84329 is: 4408
TABLE 9A.
θ
JA
VS
. AIR FLOW TABLE FOR 28 LEAD PLCC
θθθθθ
JA by Velocity (Linear Feet per Minute)
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 9B.
θ
JA
VS
. AIR FLOW TABLE FOR 32 LEAD LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com