Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS84329AVLFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS84329AVLFT
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84329AVLFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS84329AVLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
84329AV
www.icst.com/products/hiperclocks.html
REV. D DECEMBER 15, 2004
6
Integrated
Circuit
Systems, Inc.
ICS84329
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 6. INPUT FREQUENCY CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 5. CRYSTAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
0
15
2z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
7
Ω
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
TABLE 7. AC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
F
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
0
7z
H
M
t
)
r
e
p
(
t
ij2
,
1
E
T
O
N
;
S
M
R
,
r
e
t
t
i
J
d
o
i
r
e
P
T
U
O
f
≥
z
H
M
5
65
.
5s
p
z
H
M
5
6
<
T
U
O
f2
1s
p
t
)
c
c
(
t
ij2
,
1
E
T
O
N
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
T
U
O
f
≥
z
H
M
0
55
3s
p
T
U
O
f
<
z
H
M
0
50
5s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
8s
p
t
S
e
m
i
T
p
u
t
e
S5
s
n
t
H
e
m
i
T
d
l
o
H5
s
n
t
L
e
m
i
T
k
c
o
L
L
L
P
0
1s
m
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O5
40
55
5%
.
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
L
A
T
X
z
H
M
6
1
a
g
n
i
s
u
d
e
z
i
r
e
t
c
a
r
a
h
C
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
1
E
T
O
N
.
n
o
i
t
c
e
s
s
n
o
i
t
a
c
il
p
p
A
e
e
S
:
2
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
N
I
y
c
n
e
u
q
e
r
F
t
u
p
n
I
1
E
T
O
N
;
L
A
T
X0
17
1z
H
M
2
,
1
E
T
O
N
;
L
A
T
X7
15
2z
H
M
K
C
O
L
C
_
S
0
5z
H
M
y
c
n
e
u
q
e
r
f
O
C
V
m
u
m
i
x
a
m
r
o
m
u
m
i
n
i
m
e
h
t
e
v
e
i
h
c
a
o
t
t
e
s
e
b
t
s
u
m
e
u
l
a
v
M
e
h
t
e
g
n
a
r
y
c
n
e
u
q
e
r
f
l
a
t
s
y
r
c
e
h
t
r
o
F
:
1
E
T
O
N
0
2
3
e
r
a
M
f
o
s
e
u
l
a
v
d
il
a
v
z
H
M
0
1
f
o
y
c
n
e
u
q
e
r
f
m
u
m
i
n
i
m
e
h
t
g
n
i
s
U
.
z
H
M
0
0
7
r
o
z
H
M
0
0
2
f
o
e
g
n
a
r
≤ M ≤
.
1
1
5
8
2
1
e
r
a
M
f
o
s
e
u
l
a
v
d
il
a
v
z
H
M
5
2
f
o
y
c
n
e
u
q
e
r
f
m
u
m
i
x
a
m
e
h
t
g
n
i
s
U
≤ M ≤
.
8
4
4
.
n
o
i
t
a
r
e
p
o
r
e
p
o
r
p
r
o
f
d
e
r
i
u
q
e
r
s
i
r
o
t
i
c
a
p
a
c
g
n
i
n
u
t
s
e
i
r
e
s
a
,
z
H
M
7
1
n
a
h
t
r
e
t
a
e
r
g
s
e
i
c
n
e
u
q
e
r
f
l
a
t
s
y
r
c
r
o
F
:
2
E
T
O
N
.
"
e
c
a
f
r
e
t
n
I
r
o
t
a
ll
i
c
s
O
d
n
a
t
u
p
n
I
l
a
t
s
y
r
C
"
,
n
o
i
t
a
m
r
o
f
n
I
n
o
i
t
a
c
il
p
p
A
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
p
,
n
o
i
t
a
m
r
o
f
n
i
e
r
o
m
r
o
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com