Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950902 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950902
Description  Programmable Timing Control Hub??for P4?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950902 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950902 Datasheet HTML 1Page - Integrated Circuit Systems ICS950902 Datasheet HTML 2Page - Integrated Circuit Systems ICS950902 Datasheet HTML 3Page - Integrated Circuit Systems ICS950902 Datasheet HTML 4Page - Integrated Circuit Systems ICS950902 Datasheet HTML 5Page - Integrated Circuit Systems ICS950902 Datasheet HTML 6Page - Integrated Circuit Systems ICS950902 Datasheet HTML 7Page - Integrated Circuit Systems ICS950902 Datasheet HTML 8Page - Integrated Circuit Systems ICS950902 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS950902
0475G—03/23/04
Pin Configuration
Recommended Application:
VIA P4X/P4M/KT/KN266/333 style chipsets.
Output Features:
1 - Pair of differential CPU clocks @ 3.3V (CK408)/
1 - Pair of differential open drain CPU clocks (K7)
1 - Pair of differential push pull CPU_CS clocks @ 2.5V
3 - AGP @ 3.3V
7 - PCI @ 3.3V (1 - Free running)
1 - 48MHz @ 3.3V fixed
1 - 24_48MHz @ 3.3V (Default 48MHz I
2C select only)
2 - REF @ 3.3V, 14.318MHz
12 - SDRAM (6 pair - DDR) selectable
Key Specifications:
CPU_CS - CPUT/C: <±250ps
CPU_CS - AGP: <±250ps
CPU - DDR/SD: <±250ps
PCI - PCI: <500ps
CPU - PCI: Min = 1.0ns, Typ = 2.0ns, Max = 4.0ns
Programmable Timing Control Hub™ for P4™
* Internal 120K pull-up resistor to VDD.
** Internal 120K pull-down resistor to GND.
56-Pin 300-mil SSOP & 240-mil TSSOP
Frequency Table
0
L
E
S
I
T
L
U
M
t
e
g
r
a
T
d
r
a
o
B
Z
m
r
e
T
/
e
c
a
r
T
,
R
e
c
n
e
r
e
f
e
R
=
f
e
r
I
V
D
D
)
r
R
*
3
(
/
t
u
p
t
u
O
t
n
e
r
r
u
C
Z
@
h
o
V
0s
m
h
o
0
5
,
%
1
1
2
2
=
r
R
A
m
0
0
.
5
=
f
e
r
I
F
E
R
I
*
4
=
h
o
I0
5
@
V
0
.
1
1s
m
h
o
0
5
,
%
1
5
7
4
=
r
R
A
m
2
3
.
2
=
f
e
r
I
F
E
R
I
*
6
=
h
o
I0
5
@
V
7
.
0
3
S
F2
S
F1
S
F0
S
F
K
L
C
U
P
C
z
H
M
P
G
A
z
H
M
K
L
C
I
C
P
z
H
M
00
0
0
0
0
.
0
6
10
0
.
0
80
0
.
0
4
00
0
1
0
0
.
4
6
10
0
.
2
80
0
.
1
4
001
0
0
6
.
6
6
10
6
.
6
60
3
.
3
3
001
1
0
0
.
0
7
10
0
.
8
60
0
.
4
3
01
0
0
0
0
.
5
7
10
0
.
0
70
0
.
5
3
01
0
1
0
0
.
0
8
10
0
.
2
70
0
.
6
3
01
1
0
0
0
.
5
8
10
0
.
4
70
0
.
7
3
01
1
1
0
0
.
0
9
10
0
.
6
70
0
.
8
3
100
0
0
8
.
6
60
8
.
6
60
4
.
3
3
100
1
0
9
.
0
0
17
2
.
7
63
6
.
3
3
10
1
0
0
6
.
3
3
10
8
.
6
60
4
.
3
3
10
1
1
0
4
.
0
0
20
8
.
6
60
4
.
3
3
11
0
0
0
6
.
6
60
6
.
6
60
3
.
2
3
11
0
1
0
0
.
0
0
10
6
.
6
60
3
.
3
3
11
1
0
0
0
.
0
0
20
6
.
6
60
3
.
3
3
11
1
1
0
3
.
3
3
10
6
.
6
60
3
.
3
3
*FS0/REF0 1
56 Vtt_PWRGD#**/REF1
GND 2
55 VDDREF
X1 3
54 GND
X2 4
53 CPUCLKT/CPUCLKODT
VDDAGP 5
52 CPUCLKC/CPUCLKODC
*MODE/AGPCLK0 6
51 VDDCPU3.3
*SEL_408/K7/AGPCLK1 7
50 VDDCPU2.5
*(PCI_STOP#)AGPCLK2 8
49 CPUC_CS
GNDAGP 9
48 CPUT_CS
**FS1/PCICLK_F 10
47 GND
**SEL_SDR/DDR#/PCICLK1 11
46 FBOUT
*MULTSEL/PCICLK2 12
45 BUF_IN
GNDPCI 13
44 DDRT0/SDRAM0
PCICLK3 14
43 DDRC0/SDRAM1
PCICLK4 15
42 DDRT1/SDRAM2
VDDPCI 16
41 DDRC1/SDRAM3
PCICLK517
40VDD3.3_2.5
*(CLK_STOP#)PCICLK6 18
39 GND
GND48 19
38 DDRT2/SDRAM4
*FS3/48MHz 20
37 DDRC2/SDRAM5
*FS2/24_48MHz 21
36 DDRT3/SDRAM6
AVDD48 22
35 DDRC3/SDRAM7
VDD 23
34 VDD3.3_2.5
GND 24
33 GND
IREF 25
32 DDRT4/SDRAM8
*(PD#)RESET# 26
31 DDRC4/SDRAM9
SCLK 27
30 DDRT5/SDRAM10
SDATA 28
29 DDRC5/SDRAM11
Features/Benefits:
Programmable output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI control.
DDR output buffer supports up to 200MHz.
Watchdog timer technology to reset system
if system malfunctions.
Programmable watch dog safe frequency.
Support I
2C Index read/write and block read/write
operations.
Uses external 14.318MHz crystal.


Similar Part No. - ICS950902

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950901 ICST-ICS950901 Datasheet
208Kb / 20P
Programmable Timing Control Hub for P4
ICS950901YFLFT ICST-ICS950901YFLFT Datasheet
208Kb / 20P
Programmable Timing Control Hub for P4
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
More results

Similar Description - ICS950902

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950211 ICST-ICS950211 Datasheet
183Kb / 21P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com