Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951412 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS951412
Description  System Clock Chip for ATI RS480 K8-based Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951412 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS951412 Datasheet HTML 2Page - Integrated Circuit Systems ICS951412 Datasheet HTML 3Page - Integrated Circuit Systems ICS951412 Datasheet HTML 4Page - Integrated Circuit Systems ICS951412 Datasheet HTML 5Page - Integrated Circuit Systems ICS951412 Datasheet HTML 6Page - Integrated Circuit Systems ICS951412 Datasheet HTML 7Page - Integrated Circuit Systems ICS951412 Datasheet HTML 8Page - Integrated Circuit Systems ICS951412 Datasheet HTML 9Page - Integrated Circuit Systems ICS951412 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ICS951412
0883G—12/08/04
Table1: CPU Frequency Selection Table
CPU
FS4
(B0:b4)
CPU
FS3
(B0:b3)
Bit2
FS2
Bit1
FS1
Bit0
FS0
CPU
(MHz)
HTT66
(MHz)
PCI33
(MHz)
Spread
%
0
0
0
0
0
Hi-Z
Hi-Z
Hi-Z
None
00
0
0
1
X/6
X/12
X/24
None
0
0
0
1
0
180.00 60.00
30.00
None
0
0
0
1
1
220.00 73.33
36.67
None
0
0
1
0
0
100.00 66.67
33.33
None
0
0
1
0
1
133.33 66.67
33.33
None
0
0
1
1
0
166.67 66.67
33.33
None
0
0
1
1
1
200.00 66.67
33.33
None
0
1
0
0
0
186.00 62.00
31.00
None
0
1
0
0
1
214.00 71.33
35.67
None
0
1
0
1
0
190.00 63.33
31.67
None
0
1
0
1
1
210.00 70.00
35.00
None
0
1
1
0
0
102.00 68.00
34.00
None
0
1
1
0
1
136.00 68.00
34.00
None
0
1
1
1
0
170.00 68.00
34.00
None
0
1
1
1
1
204.00 68.00
34.00
None
1
0
0
0
0
169.58 56.53
28.26
-0.5%
1
0
0
0
1
229.43 76.48
38.24
-0.5%
1
0
0
1
0
179.55 59.85
29.93
-0.5%
1
0
0
1
1
219.45 73.15
36.58
-0.5%
1
0
1
0
0
99.75
66.50
33.25
-0.5%
1
0
1
0
1
133.00 66.50
33.25
-0.5%
1
0
1
1
0
166.25 66.50
33.25
-0.5%
1
0
1
1
1
199.50 66.50
33.25
-0.5%
1
1
0
0
0
185.54 61.85
30.92
-0.5%
1
1
0
0
1
106.73 71.16
35.58
-0.5%
1
1
0
1
0
189.53 63.18
31.59
-0.5%
1
1
0
1
1
209.48 69.83
34.91
-0.5%
1
1
1
0
0
101.75 67.83
33.92
-0.5%
1
1
1
0
1
135.66 67.83
33.91
-0.5%
1
1
1
1
0
169.58 67.83
33.92
-0.5%
1
1
1
1
1
203.49 67.83
33.92
-0.5%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com