Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N90A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 7N90A
Description  isc N-Channel Mosfet Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

7N90A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  7N90A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 7N90A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc N-Channel Mosfet Transistor
7N90A
·
FEATURES
·
Drain Current ID= 7A@ TC=25℃
·
Drain Source Voltage-
: VDSS= 900V(Min)
·
Fast Switching Speed
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
APPLICATIONS
·
Switching mode power supplies
·
General purpose power amplifier
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
900
V
VGS
Gate-Source Voltage
±
30
V
ID
Drain Current-continuous@ TC=25℃
7
A
ID(puls)
Pulse Drain Current
28
A
Ptot
Total Dissipation@TC=25℃
240
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.52
℃
/W
Rth j-a
Thermal Resistance, Junction to Ambient
40
℃
/W


Similar Part No. - 7N90A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
900V N-CHANNEL POWER MOSFET
7N90 UTC-7N90 Datasheet
185Kb / 6P
7A, 900V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
7N90 NELLSEMI-7N90 Datasheet
394Kb / 8P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
7N90 ISC-7N90 Datasheet
67Kb / 2P
Fast Switching Speed
logo
Unisonic Technologies
7N90-MK6 UTC-7N90-MK6 Datasheet
210Kb / 5P
N-CHANNEL POWER MOSFET
More results

Similar Description - 7N90A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com