Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2EX Datasheet(PDF) 71 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 71 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 67Page - Texas Instruments TDA2EX Datasheet HTML 68Page - Texas Instruments TDA2EX Datasheet HTML 69Page - Texas Instruments TDA2EX Datasheet HTML 70Page - Texas Instruments TDA2EX Datasheet HTML 71Page - Texas Instruments TDA2EX Datasheet HTML 72Page - Texas Instruments TDA2EX Datasheet HTML 73Page - Texas Instruments TDA2EX Datasheet HTML 74Page - Texas Instruments TDA2EX Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 391 page
background image
71
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-13. McASP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multichannel Audio Serial Port 6
mcasp6_axr0
McASP6 Transmit/Receive Data
IO
A18
mcasp6_axr1
McASP6 Transmit/Receive Data
IO
B17
mcasp6_axr2
McASP6 Transmit/Receive Data
IO
C14
mcasp6_axr3
McASP6 Transmit/Receive Data
IO
B15
mcasp6_ahclkx
McASP6 Transmit High-Frequency Master Clock
O
J24
mcasp6_aclkx(1)
McASP6 Transmit Bit Clock
IO
B16
mcasp6_fsx
McASP6 Transmit Frame Sync
IO
B18
mcasp6_aclkr(1)
McASP6 Receive Bit Clock
IO
B16
mcasp6_fsr
McASP6 Receive Frame Sync
IO
B18
Multichannel Audio Serial Port 7
mcasp7_aclkr(1)
McASP7 Receive Bit Clock I/O
IO
E16
mcasp7_aclkx(1)
McASP7 Transmit Bit Clock I/O
IO
E16
mcasp7_ahclkx
McASP7 Transmit High-Frequency Master Clock
O
H24
mcasp7_axr0
McASP7 Transmit/Receive Data I/O
IO
A19
mcasp7_axr1
McASP7 Transmit/Receive Data I/O
IO
E17
mcasp7_axr2
McASP7 Transmit/Receive Data I/O
IO
D16
mcasp7_axr3
McASP7 Transmit/Receive Data I/O
IO
D17
mcasp7_fsr
McASP7 Receive Frame Sync I/O
IO
F16
mcasp7_fsx
McASP7 Transmit Frame Sync I/O
IO
F16
Multichannel Audio Serial Port 8
mcasp8_aclkr(1)
McASP8 Receive Bit Clock I/O
IO
D20
mcasp8_aclkx(1)
McASP8 Transmit Bit Clock I/O
IO
D20
mcasp8_ahclkx
McASP8 Transmit High-Frequency Master Clock I/O
O
H25
mcasp8_axr0
McASP8 Transmit/Receive Data I/O
IO
B20
mcasp8_axr1
McASP8 Transmit/Receive Data I/O
IO
C19
mcasp8_fsr
McASP8 Receive Frame Sync I/O
IO
C20
mcasp8_fsx
McASP8 Transmit Frame Sync I/O
IO
C20
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any non monotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
4.3.13 USB
NOTE
For more information, see: Serial Communication Interface / SuperSpeed USB DRD
Subsystem section of the device TRM.
Table 4-14. Universal Serial Bus Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Serial Bus 1
usb1_dm
USB1 USB2.0 differential signal pair (negative)
IODS
AB7
usb1_dp
USB1 USB2.0 differential signal pair (positive)
IODS
AC6
usb1_drvvbus
USB1 Drive VBUS signal
O
AD3
usb_rxn0(1)
USB1 USB3.0 receiver negative lane
IDS
AE5
usb_rxp0(1)
USB1 USB3.0 receiver positive lane
IDS
AD6
usb_txn0(1)
USB1 USB3.0 transmitter negative lane
ODS
AE3
usb_txp0(1)
USB1 USB3.0 transmitter positive lane
ODS
AD4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com