Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274AMFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274AMFKB Datasheet(HTML) 1 Page - Texas Instruments

  TLC2274AMFKB Datasheet HTML 1Page - Texas Instruments TLC2274AMFKB Datasheet HTML 2Page - Texas Instruments TLC2274AMFKB Datasheet HTML 3Page - Texas Instruments TLC2274AMFKB Datasheet HTML 4Page - Texas Instruments TLC2274AMFKB Datasheet HTML 5Page - Texas Instruments TLC2274AMFKB Datasheet HTML 6Page - Texas Instruments TLC2274AMFKB Datasheet HTML 7Page - Texas Instruments TLC2274AMFKB Datasheet HTML 8Page - Texas Instruments TLC2274AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
|VDD ±| − Supply Voltage − V
10
8
6
4
4
6
8
12
14
16
10
12
14
16
TA = 25°C
IO = ± 50 µA
IO = ± 500 µA
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLC2274AM-MIL
SLOS986 – JUNE 2017
TLC2274AM-MIL Advanced LinCMOS Rail-to-Rail Operational Amplifier
1
1 Features
1
•
Output Swing Includes Both Supply Rails
•
Low Noise: 9 nV/
√Hz Typical at f = 1 kHz
•
Low-Input Bias Current: 1-pA Typical
•
Fully-Specified for Both Single-Supply and Split-
Supply Operation
•
Common-Mode Input Voltage Range Includes
Negative Rail
•
High-Gain Bandwidth: 2.2-MHz Typical
•
High Slew Rate: 3.6-V/μs Typical
•
Low Input Offset Voltage: 2.5 mV Maximum at
TA = 25°C
•
Macromodel Included
•
Performance Upgrades for the TLC272 and
TLC274
•
Available in Q-Temp Automotive
2 Applications
•
White Goods (Refrigerators, Washing Machines)
•
Hand-held Monitoring Systems
•
Configuration Control and Print Support
•
Transducer Interfaces
•
Battery-Powered Applications
3 Description
The
TLC2274AM-MIL
device
is
a
quadruple
operational amplifier from Texas Instruments. The
device exhibits rail-to-rail output performance for
increased dynamic range in single- or split-supply
applications. The TLC2274AM-MIL device offers 2
MHz of bandwidth and 3 V/μs of slew rate for higher-
speed applications. Thee device offers comparable
ac performance while having better noise, input offset
voltage, and power dissipation than existing CMOS
operational amplifiers. The TLC2274AM-MIL device
has a noise voltage of 9 nV/
√Hz, two times lower
than competitive solutions.
The TLC2274AM-MIL device, exhibiting high input
impedance and low noise, is excellent for small-signal
conditioning for high-impedance sources such as
piezoelectric transducers. Because of the micropower
dissipation levels, the device works well in hand-held
monitoring
and
remote-sensing
applications.
In
addition, the rail-to-rail output feature, with single- or
split-supplies, makes this device a great choice when
interfacing with analog-to-digital converters (ADCs).
For
precision
applications,
the
TLC2272AM-MIL
device is available with a maximum input offset
voltage of 950 μV. This device is fully characterized
at 5 V and ±5 V.
The TLC2274AM-MIL device also makes a great
upgrade to the TLC272 in standard designs, offering
increased output dynamic range, lower noise voltage,
and lower input offset voltage. This enhanced feature
set allows the device to be used in a wider range of
applications. For applications that require higher
output drive and wider input voltage range, see the
TLV2432 and TLV2442 devices.
If the design requires single amplifiers, see the
TLV2211, TLV2221 and TLV2231 family. These
devices are single rail-to-rail operational amplifiers in
the SOT-23 package. Their small size and low power
consumption make them ideal for high density,
battery-powered equipment.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLC2274AM-MIL
SOIC (14)
3,91 mm × 8,65 mm
CDIP (14)
6,67 mm × 19,56 mm
LCCC (20)
8,89 mm × 8,89 mm
CFP (14)
6,35 mm × 19,30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Maximum Peak-to-Peak Output Voltage vs
Supply Voltage


Similar Part No. - TLC2274AMFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2274AMFKB TI-TLC2274AMFKB Datasheet
1Mb / 64P
Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AMFKB TI-TLC2274AMFKB Datasheet
1Mb / 67P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AMFKB TI1-TLC2274AMFKB Datasheet
2Mb / 63P
Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274AMFKB TI2-TLC2274AMFKB Datasheet
1Mb / 34P
TLC2274AM-MIL Advanced LinCMOS Rail-to-Rail Operational Amplifier
JUNE 2017
TLC2274AMFKB.A TI2-TLC2274AMFKB.A Datasheet
1Mb / 34P
TLC2274AM-MIL Advanced LinCMOS Rail-to-Rail Operational Amplifier
JUNE 2017
More results

Similar Description - TLC2274AMFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC226X TI-TLC226X Datasheet
932Kb / 59P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274-HT TI-TLC2274-HT Datasheet
1Mb / 29P
TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2272AM-MIL TI1-TLC2272AM-MIL Datasheet
925Kb / 32P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272M-MIL TI1-TLC2272M-MIL Datasheet
1Mb / 36P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274M-MIL TI1-TLC2274M-MIL Datasheet
1Mb / 33P
Advanced LinCMOS Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com