Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5LG Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # SP5LG
Description  270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

SP5LG Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  SP5LG_17 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD SP5LG_17 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SP5LG
270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
5.0
kV
Average Output Current
IF
Ta=55°C; Resistive Load
270
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz) ; 8.3mS
10
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =100mA
8.5
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
0.5
uA
IR2
at 100°C;VR =VRRM
10
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
75
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
4.5
pF
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: SMA-G
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency , Fast Recovery.
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
6. Surface Mount.
APPLICATIONS:
1. High voltage multiplier circuit
2. High current and high voltage circuit.
3. General purpose high voltage rectifier.
4. Medical X-ray machine HV power supply.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Minimum packing quantity: 2,000pcs.


Similar Part No. - SP5LG_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
SP5LG GETEDZ-SP5LG Datasheet
148Kb / 1P
5.0kV 270mA HIGH VOLTAGE DIODES
logo
New Jersey Semi-Conduct...
SP5LG NJSEMI-SP5LG Datasheet
121Kb / 2P
Derating Curves
logo
Anshan Leadsun Electron...
SP5LG LEADSUN-SP5LG Datasheet
314Kb / 1P
High Voltage Diode
More results

Similar Description - SP5LG_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR5F GETEDZ-BR5F Datasheet
68Kb / 1P
5.0kV 0.8A HIGH VOLTAGE DIODES
HC5 GETEDZ-HC5 Datasheet
120Kb / 1P
5.0kV 1.0A HIGH VOLTAGE DIODES
SP5L GETEDZ-SP5L Datasheet
134Kb / 1P
5.0kV 270mA HIGH VOLTAGE DIODES
SP5LG GETEDZ-SP5LG Datasheet
148Kb / 1P
5.0kV 270mA HIGH VOLTAGE DIODES
logo
Voltage Multipliers Inc...
SMF6529 VMI-SMF6529_15 Datasheet
366Kb / 1P
High Voltage Diodes - Surface Mount 50mA - 250mA l 70ns
SMF6531HT VMI-SMF6531HT Datasheet
138Kb / 1P
High Voltage Diodes - Surface Mount 0.10A l 70ns
SMF6533HT VMI-SMF6533HT Datasheet
138Kb / 1P
High Voltage Diodes - Surface Mount 0.05A l 70ns
SXF6521 VMI-SXF6521_13 Datasheet
134Kb / 2P
High Voltage Diodes - Surface Mount 150mA - 500mA ??70ns
logo
GETAI ELECTRONICS DEVIC...
HVP5 GETEDZ-HVP5 Datasheet
155Kb / 1P
5.0kV 750mA HIGH VOLTAGE DIODES
SP5L GETEDZ-SP5L_17 Datasheet
534Kb / 2P
270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com