Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8915 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF8915
Description  HEXFETPower MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8915 Datasheet(HTML) 1 Page - International Rectifier

  IRF8915 Datasheet HTML 1Page - International Rectifier IRF8915 Datasheet HTML 2Page - International Rectifier IRF8915 Datasheet HTML 3Page - International Rectifier IRF8915 Datasheet HTML 4Page - International Rectifier IRF8915 Datasheet HTML 5Page - International Rectifier IRF8915 Datasheet HTML 6Page - International Rectifier IRF8915 Datasheet HTML 7Page - International Rectifier IRF8915 Datasheet HTML 8Page - International Rectifier IRF8915 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
03/31/04
IRF8915
HEXFET® Power MOSFET
Notes
 through … are on page 10
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on)
l Fully Characterized Avalanche Voltage
and Current
SO-8
PD - 95858
Applications
Dual SO-8 MOSFET for POL
converters in desktop, servers,
graphics cards, game consoles
and set-top box
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
W
PD @TA = 70°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
°C/W
RθJA
Junction-to-Ambient
f
–––
62.5
-55 to + 150
2.0
0.016
1.3
Max.
8.9
7.1
71
± 20
20
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
VDSS
RDS(on) max
ID
20V
18.3m
:@V
GS = 10V
8.9A


Similar Part No. - IRF8915

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8915 IRF-IRF8915 Datasheet
291Kb / 10P
Dual SO-8 MOSFET for POL converters in desktop
IRF8915PBF IRF-IRF8915PBF Datasheet
188Kb / 10P
HEXFET Power MOSFET
IRF8915PBF IRF-IRF8915PBF Datasheet
291Kb / 10P
HEXFET Power MOSFET
IRF8915PBF IRF-IRF8915PBF Datasheet
291Kb / 10P
Ultra-Low Gate Impedance
IRF8915PBF IRF-IRF8915PBF_08 Datasheet
291Kb / 10P
HEXFET Power MOSFET
More results

Similar Description - IRF8915

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
HEXFETPower MOSFET
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
HEXFETPower MOSFET
IRFB4410ZGPBF IRF-IRFB4410ZGPBF Datasheet
300Kb / 8P
HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
HEXFETpower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com