Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC60F Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4PC60F
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC60F Datasheet(HTML) 5 Page - International Rectifier

  IRG4PC60F Datasheet HTML 1Page - International Rectifier IRG4PC60F Datasheet HTML 2Page - International Rectifier IRG4PC60F Datasheet HTML 3Page - International Rectifier IRG4PC60F Datasheet HTML 4Page - International Rectifier IRG4PC60F Datasheet HTML 5Page - International Rectifier IRG4PC60F Datasheet HTML 6Page - International Rectifier IRG4PC60F Datasheet HTML 7Page - International Rectifier IRG4PC60F Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRG4PC60F
www.irf.com
5
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
0
50
100
150
200
250
300
0
5
10
15
20
Q , Total Gate Charge (nC)
G

V
= 400V
I
= 40A
CC
C
0
10
20
30
40
50
RG, Gate Resistance (Ω)
4.00
5.00
6.00
7.00
8.00
VCC= 480V
VGE = 15V
TJ= 25°C
I C= 60A
-60 -40 -20
0
20
40
60
80 100 120 140 160
TJ, Junction Temperature (°C)
1
10
100
RG = 5.0Ω
VGE = 15V
VCC= 480V
IC = 120A
IC = 60A
IC = 30A
0
100
200
300
400
500
VCE (V)
10
100
1000
10000
100000
Cies
Coes
Cres
VGE = 0V,
f = 1 MHZ
Cies = Cge + Cgc, Cce SHORTED
Cres = Cce
Coes = Cce+ Cgc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com