Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3018 Datasheet(PDF) 12 Page - International Rectifier

Part # IRU3018
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3018 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRU3018 Datasheet HTML 8Page - International Rectifier IRU3018 Datasheet HTML 9Page - International Rectifier IRU3018 Datasheet HTML 10Page - International Rectifier IRU3018 Datasheet HTML 11Page - International Rectifier IRU3018 Datasheet HTML 12Page - International Rectifier IRU3018 Datasheet HTML 13Page - International Rectifier IRU3018 Datasheet HTML 14Page - International Rectifier IRU3018 Datasheet HTML 15Page - International Rectifier IRU3018 Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Rev. 1.5
07/24/01
IRU3018
Output Inductor Selection
The output inductance must be selected such that un-
der low line and the maximum output voltage condition,
the inductor current slope times the output capacitor
ESR is ramping up faster than the capacitor voltage is
drooping during a load current step.
However, if the inductor is too small, the output ripple
current and ripple voltage become too large. One solu-
tion to bring the ripple current down is to increase the
switching frequency, however that will be at the cost of
reduced efficiency and higher system cost. The follow-
ing set of formulas are derived to achieve the optimum
performance without many design iterations.
The maximum output inductance is calculated using the
following equation:
Where :
Vin(min) = Minimum input voltage
For Vo=2.8V, ∆I=14.2A
Assuming that the programmed switching frequency is
set at 200KHz, an inductor is designed using the
Micrometals’ Powder Iron core material. The summary
of the design is outlined below:
The selected core material is Powder Iron, the selected
core is T50-52D from Micro Metal wound with 8 turns of
#16 AWG wire, resulting in 3µH inductance with
≈ 3mΩ
of DC resistance.
Assuming L=3µH and Fsw=200KHz (switching fre-
quency), the inductor ripple current and the output ripple
voltage is calculated using the following set of equations:
In our example for Vo=2.8V and 14.2 A load, assuming
IRL3103 MOSFET for both switches with maximum on
resistance of 19mΩ, we have:
Power Component Selection
Assuming IRL3103 MOSFETs as power components,
we will calculate the maximum power dissipation as fol-
lows:
For high-side switch the maximum power dissipation
happens at maximum Vo and maximum duty cycle.
For synch MOSFET, maximum power dissipation hap-
pens at minimum Vo and minimum duty cycle.
Heat Sink Selection
Selection of the heat sink is based on the maximum
allowable junction temperature of the MOSFETS. Since
we previously selected the maximum RDS(on) at 125!C,
then we must keep the junction below this temperature.
Selecting TO-220 package gives θJC=1.8!C/W (from the
venders’ data sheet) and assuming that the selected
heat sink is black anodized, the heat-sink-to-case ther-
mal resistance is: θcs=0.05!C/W, the maximum heat
sink temperature is then calculated as:
With the maximum heat sink temperature calculated in
the previous step, the heat-sink-to-air thermal resistance
(θSA) is calculated as follows:
Assuming TA = 35!C:
∆T = Ts - TA = 118 - 35 = 83!C
Temperature Rise Above Ambient
L = ESR×C×[Vin(min) - Vo(max)] / ( 2×∆I )
L = 0.006×9000×(4.75 - 2.8) / (2×14.2) = 3.7µH
T = 1 / 200000 = 5µs
Vsw = Vsync = 14.2 × 0.019 = 0.27V
D
≈ (2.8 + 0.27) / (5 - 0.27 + 0.27) = 0.61
Ton = 0.61 × 5 = 3.1µs
Toff = 5 - 3.1 = 1.9µs
∆Ir = (2.8 + 0.27) × 1.9 / 3 = 1.94A
∆Vo = 1.94 × 0.006 = 0.011V = 11mV
T
≡ Switching Period
D
≡ Duty Cycle
Vsw
≡ High-side MOSFET ON Voltage
RDS
≡ MOSFET On-resistance
Vsync
≡ Synchronous MOSFET ON Voltage
∆Ir
≡ Inductor Ripple Current
∆Vo
≡Output Ripple Voltage
T = 1 / Fsw
Vsw = Vsync = Io × RDS
D
≈ (Vo + Vsync) / (Vin - Vsw + Vsync)
Ton = D × T
Toff = T - Ton
∆Ir = (Vo + Vsync) × Toff / L
∆Vo = ∆Ir × ESR
Dmin
≈ (2 + 0.27) / (5.25 - 0.27 + 0.27) = 0.43
PDS = (1-Dmin) × Io2 × RDS(max)
PDS = (1 - 0.43) × 14.22 × 0.029 = 3.33 W
Dmax
≈ (2.8 + 0.27) / (4.75 - 0.27 + 0.27) = 0.65
PDH = Dmax × Io2 × RDS(max)
PDH = 0.65 × 14.22 × 0.029 = 3.8W
RDS(max) = Maximum RDS(on) of the MOSFET at 125!C
Ts = TJ - PD × (θJC + θcs)
Ts = 125 - 3.82 × (1.8 + 0.05) = 118!C
θSA = ∆T / PD
= 83 / 3.82 = 22!C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com