Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTD3GN Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # TTD3GN
Description  1/4 Longframe & TT/Bantam Patchcords
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

TTD3GN Datasheet(HTML) 2 Page - Switchcraft, Inc.

  TTD3GN Datasheet HTML 1Page - Switchcraft, Inc. TTD3GN Datasheet HTML 2Page - Switchcraft, Inc. TTD3GN Datasheet HTML 3Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPB 569
Switchcraft®
22
11//4
4"" L
Lo
on
ng
gffrra
am
me
e &
& T
TT
T//B
Ba
an
ntta
am
m
P
Pa
attc
ch
hc
co
orrd
ds
s
Part Numbering System:
Color:
1-10 Ft.
Plug Type
Color Code
Length
*Sample Part Number:
TT2BK (TT/2Ft. /Black)
*Sample Part Number:
TTD3Y (DualTT/3Ft. /Yellow)
*Sample Part Number:
LF4R (1/4" Longframe / 4 Ft. / Red)
BK = Black
R=Red
O=Orange
Y=Yellow
GN = Green
BL = Blue
GY = Gray
*Custom Lengths available by request.
*TTD Series not available in gray.
*Plugs: Nickel plated copper alloy.
*Plug Handle: Molded thermoplastic.
*Cable: 26 AWG (30x40) OFCB, 110 Ohm.
*Jacket: Matte PVC
TTD +
+
TT
+
+
LF
+
+
Switchcraft
®
www.switchcraft.com
5555 N. Elston Avenue/Chicago, IL 60630
Phone: 773-792-2700 Fax: 773-792-2129



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com