Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT14P201 Datasheet(PDF) 21 Page - Micon Design Technology Corporation

Part # MDT14P201
Description  8-bit micro-controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT14P201 Datasheet(HTML) 21 Page - Micon Design Technology Corporation

Back Button MDT14P201 Datasheet HTML 13Page - Micon Design Technology Corporation MDT14P201 Datasheet HTML 14Page - Micon Design Technology Corporation MDT14P201 Datasheet HTML 15Page - Micon Design Technology Corporation MDT14P201 Datasheet HTML 16Page - Micon Design Technology Corporation MDT14P201 Datasheet HTML 17Page - Micon Design Technology Corporation MDT14P201 Datasheet HTML 18Page - Micon Design Technology Corporation MDT14P201 Datasheet HTML 19Page - Micon Design Technology Corporation MDT14P201 Datasheet HTML 20Page - Micon Design Technology Corporation MDT14P201 Datasheet HTML 21Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
MDT14P201
P. 21
2011/9 Ver. 1.3
(d) Output Voltage (VDD = 5V /3V):
(e) Input Voltage (VDD = 5V/3V):
(@VDD=5V)
PA
PB
TTL
ST(PA4)
TTL
HIGH
1.56V
2.82V
1.70V
LOW
1.53V
1.49V
1.65V
(@VDD=3V)
PA
PB
TTL
ST(PA4)
TTL
HIGH
1.1V
1.47V
1.21V
LOW
1.0V
0.98V
1.17V
(f) The basic WDT time-out cycle time
@Temperature=25 ℃, the typical value as followings :
Vdd =5.0 V, Temperature=25℃,the typical value as followings
2.5V
25.00 ms
3.0V
23.13 ms
4.0V
20.94 ms
5.0V
19.69 ms
6.0V
18.44 ms
6.4V
18.13 ms
(@VDD=5V)
PB
Output
HIGH
LOW
5mA
4.72V
108mV
20mA
3.74V
414mv
(@VDD=3V)
PB
Output
HIGH
LOW
5mA
2.6V
132mV
10mA
2.01V
268mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com