Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L011 Datasheet(PDF) 2 Page - IXYS Corporation

Part # L011
Description  Fast Recovery Epitaxial Diode (FRED) Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L011 Datasheet(HTML) 2 Page - IXYS Corporation

  L011 Datasheet HTML 1Page - IXYS Corporation L011 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
200
600
1000
0400
800
100
120
140
160
180
200
220
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
0
20
40
60
0
1
2
3
4
5
6
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
10
20
30
40
50
60
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
0
100
200
300
400
500
600
700
800
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
ms
A
V
mC
A/
ms
A/
ms
t
rr
ns
t
fr
A/
ms
µs
MEO 550-02
Z
Fig. 7 Transient thermal impedance junction to heatsink
T
VJ= 100°C
V
R = 100V
Fig. 3 Typ. peak reverse current I
RM
versus -di
F/dt
Fig. 2 Typ. reverse recovery
charge Q
r versus -diF/dt
Fig. 1 Forward current I
F versus
max. voltage drop V
F per leg
T
VJ= 100°C
V
R = 100V
T
VJ= 100°C
V
R = 100V
Q
r
I
RM
Fig. 4 Dynamic parameters Q
r, IRM
versus junction temperature T
VJ
Fig. 5 Typ. recovery time t
rr
versus -di
F/dt
Fig. 6 Typ. peak forward voltage V
FR
and t
fr versus diF/dt
T
VJ=125°C
T
VJ= 25°C
I
F=1100A
I
F= 550A
I
F= 275A
I
F=1100A
I
F= 550A
I
F= 275A
I
F=1100A
I
F= 550A
I
F= 275A
Constants for Z
thJS calculation:
iR
thi (K/W)
t
i (s)
1
0.001
0.08
2
0.004
0.024
3
0.027
0.112
4
0.082
0.464
MEO 550-02 DA
T
VJ= 100°C
I
F
= 550A
V
FR
t
fr
thJS
ZthJH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com