Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L048 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L048
Description  Three Phase Half Controlled Rectifier Bridge, B6HK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L048 Datasheet(HTML) 1 Page - IXYS Corporation

  L048 Datasheet HTML 1Page - IXYS Corporation L048 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
I
dAVM
= 110/167 A
V
RRM = 1200-1600 V
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions.
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
1300
1200
VVZ 110-12io7
VVZ 175-12io7
1500
1400
VVZ 110-14io7
VVZ 175-14io7
1700
1600
VVZ 175-16io7
Features
q
Package with screw terminals
q
Isolation voltage 3000 V~
q
Planar passivated chips
q
UL registered E72873
Applications
q
Input rectifier for PWM converter
q
Input rectifier for switch mode power
supplies (SMPS)
q
Softstart capacitor charging
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
Symbol
Test Conditions
Maximum Ratings
VVZ 110
VVZ 175
I
dAV
T
C = 85°C; module
110
167
A
I
FRMS, ITRMS
per leg
58
89
A
I
FSM, ITSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
1150
1500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1230
1600
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1000
1350
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1070
1450
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
6600
11200
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
6280
10750
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
5000
9100
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
4750
8830
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 50 A
150
A/
ms
f =400 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.3 A,
non repetitive,
500
A/
ms
di
G/dt = 0.3 A/ms, IT = 1/3 • IdAV
(dv/dt)
cr
T
VJ = TVJM;
V
DR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
V
RGM
10
V
P
GM
T
VJ = TVJM
t
p =30
ms
£
10
W
I
T = ITAVM
t
p =
500
ms
£
5W
t
p =10
ms
£
1W
P
GAVM
0.5
W
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V~
I
ISOL £ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M6)
5
±15 %
Nm
Terminal connection torque (M6)
5
±15 %
Nm
Weight
typ.
300
g
VVZ 110
VVZ 175
Three Phase Half Controlled
Rectifier Bridge, B6HK
A
+
B
-
1
2
3
E
~
D
~
C
~
A
B
E
D
C
2
3
1


Similar Part No. - L048

ManufacturerPart #DatasheetDescription
logo
Pycom
L04 PYCOM-L04 Datasheet
1Mb / 33P
the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
Version 1.0
logo
Ensign Corporation
L040 ENSIGN-L040 Datasheet
638Kb / 4P
Commander Class
L040-1-510X ENSIGN-L040-1-510X Datasheet
638Kb / 4P
Commander Class
L040-1-510X ENSIGN-L040-1-510X Datasheet
503Kb / 1P
POWER TRANSFORMER COMMANDER CLASS
L040-1-512X ENSIGN-L040-1-512X Datasheet
638Kb / 4P
Commander Class
More results

Similar Description - L048

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VVZ24-12IO1 IXYS-VVZ24-12IO1 Datasheet
75Kb / 3P
Three Phase Half Controlled Rectifier Bridge
VVZ24 IXYS-VVZ24 Datasheet
146Kb / 3P
Three Phase Half Controlled Rectifier Bridge
VVZ40 IXYS-VVZ40 Datasheet
51Kb / 2P
Three Phase Half Controlled Rectifier Bridge
VVZ12-16IO1 IXYS-VVZ12-16IO1 Datasheet
43Kb / 2P
Three Phase Half Controlled Rectifier Bridge
logo
Powersem GmbH
PSDH39 POWERSEM-PSDH39 Datasheet
151Kb / 2P
Three Phase Half Controlled Rectifier Bridge
PSDH74 POWERSEM-PSDH74 Datasheet
496Kb / 2P
Three Phase Half Controlled Rectifier Bridge, B6HK
logo
Nell Semiconductor Co.,...
MSTP110 NELLSEMI-MSTP110 Datasheet
403Kb / 2P
Three-phase half-controlled bridge rectifier, 110A
logo
Powersem GmbH
PSWDPSVD100 POWERSEM-PSWDPSVD100 Datasheet
137Kb / 1P
Half Three Phase Rectifier Bridge
logo
Naina Semiconductor ltd...
NHS60 NAINA-NHS60 Datasheet
184Kb / 2P
Three Phase Half Controlled Bridge Rectifier, 60 Amps
NHS100 NAINA-NHS100 Datasheet
184Kb / 2P
Three Phase Half Controlled Bridge Rectifier, 100 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com