Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZY91C7V5 Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # BZY91C7V5
Description  75W Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

BZY91C7V5 Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  BZY91C7V5 Datasheet HTML 1Page - Naina Semiconductor ltd. BZY91C7V5 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
BZY91 Series
2
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
75W Zener Diodes
Electrical Characteristics (TA = 25
OC unless otherwise specified)
Stud Cathode Part
number
Stud Anode Part
number
Zener Voltage
VZ @ IZ
(V)
IZ
(A)
Zener
Resistance
RZ @ IZ
(Ω)
Maximum Reverse Leakage
Current
IR @ VR
MIN
MAX
Typ.
Max
(mA)
(V)
BZY91C7V5
BZY91C7V5R
7.0
7.9
5.0
0.04
0.2
5.0
5.1
BZY91C8V2
BZY91C8V2R
7.7
8.7
5.0
0.06
0.3
5.0
5.6
BZY91C9V1
BZY91C9V1R
8.5
9.6
2.0
0.08
0.4
5.0
6.2
BZY91C10
BZY91C10R
9.4
10.6
2.0
0.08
0.4
1.0
6.8
BZY91C11
BZY91C11R
10.4
11.6
2.0
0.08
0.4
1.0
7.5
BZY91C12
BZY91C12R
11.4
12.7
2.0
0.10
0.5
1.0
8.2
BZY91C13
BZY91C13R
12.4
14.1
2.0
0.10
0.5
1.0
9.1
BZY91C15
BZY91C15R
13.8
15.6
2.0
0.12
0.6
1.0
10
BZY91C16
BZY91C16R
15.3
17.1
2.0
0.12
0.6
1.0
11
BZY91C18
BZY91C18R
16.8
19.1
1.0
0.14
0.7
1.0
12
BZY91C20
BZY91C20R
18.8
21.2
1.0
0.16
0.8
1.0
13
BZY91C22
BZY91C22R
20.8
23.3
1.0
0.16
0.8
1.0
15
BZY91C24
BZY91C24R
22.7
25.9
1.0
0.18
0.9
1.0
16
BZY91C27
BZY91C27R
25.1
28.9
1.0
0.20
1.0
1.0
18
BZY91C30
BZY91C30R
28.0
32.0
1.0
0.22
1.1
1.0
20
BZY91C33
BZY91C33R
31.0
35.0
1.0
0.24
1.2
1.0
22
BZY91C36
BZY91C36R
34.0
38.0
1.0
0.26
1.3
1.0
24
BZY91C39
BZY91C39R
37.0
41.0
0.5
0.28
1.4
1.0
27
BZY91C43
BZY91C43R
40.0
46.0
0.5
0.30
1.5
1.0
30
BZY91C47
BZY91C47R
44.0
50.0
0.5
0.34
1.7
1.0
33
BZY91C51
BZY91C51R
48.0
54.0
0.5
0.36
1.8
1.0
36
BZY91C56
BZY91C56R
52.0
60.0
0.5
0.40
2.0
1.0
39
BZY91C62
BZY91C62R
58.0
66.0
0.5
0.44
2.2
1.0
43
BZY91C68
BZY91C68R
64.0
72.0
0.5
0.48
2.4
1.0
47
BZY91C75
BZY91C75R
70.0
79.0
0.5
0.51
2.6
1.0
51
Figure 1. Maximum total dissipation plotted against mounting
base temp
Figure 2. Non-repetitive peak pulse power rating curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com