Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFQ60 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NFQ60
Description  Single Phase Full Controlled Bridge Rectifier, 60 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NFQ60 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NFQ60 Datasheet HTML 1Page - Naina Semiconductor ltd. NFQ60 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
NFQ60
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Single Phase Full Controlled Bridge Rectifier, 60 Amps
Features
Easy connections, screw type terminals
Good surge current capability
Low forward voltage drop
Easy mounting
Voltage Ratings (TJ = 25oC unless otherwise noted)
Type
number
Voltage
code
VRRM, Max.
repetitive peak
reverse voltage
(V)
VRSM, Max. non-
repetitive peak
reverse voltage
(V)
IRRM max
@ TVJM
(mA)
NFQ60
80
800
900
5.0
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700
Electrical Specifications (TJ = 25oC unless otherwise noted)
Parameters
Conditions
Symbol
Values
Units
Maximum on-state average current
TC = 85oC
IdAVM
60
A
Forward surge current (non-repetitive), one cycle
f = 50Hz, TVJ = TVJM, VR = 0
IFSM, ITSM
600
A
Maximum forward voltage drop
IT = 55A, TVJ = 25 oC
VTM
1.4
V
Current required for fusing
f = 50Hz, TVJ = TVJM, VR = 0
I2t
1800
A2s
Maximum rate of rise of on-state current
TVJ = TVJM, f = 50Hz, IT = ITAVM
di/dt
500
A/µs
Critical rate of rise of off-state voltage
TVJ = TVJM, VDR = 2/3 VDRM
dv/dt
1000
V/µs
Gate voltage to trigger
VD = 6V, TVJ = 25 oC
VGT
1.0
V
Gate current to trigger
VD = 6V, TVJ = 25 oC
IGT
100
mA
Holding current
TVJ = 25 oC, VD = 6V
IH
150
mA
Latching current
TVJ = 25 oC
IL
200
mA
RMS isolation voltage
f = 50Hz, t = 1s
VISO
3000
V
Thermal and Mechanical Specifications (TJ = 25oC unless otherwise noted)
Parameters
Symbol
Values
Units
Operating junction temperature range
TVJ
- 40 to + 125
oC
Maximum junction temperature
TVJM
125
oC
Maximum storage temperature range
TSTG
- 40 to + 125
oC
Maximum thermal resistance, junction to case
Rth(J-C)
0.20
oC/W
Mounting torque ±10%
to heatsink
F
3.5
Nm
to terminal
3.5
Approximate weight
W
170
g


Similar Part No. - NFQ60

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NFQ45 NAINA-NFQ45 Datasheet
158Kb / 2P
Single Phase Full Controlled Bridge Rectifier, 45 Amps
NFQ75 NAINA-NFQ75 Datasheet
158Kb / 2P
Single Phase Full Controlled Bridge Rectifier, 75 Amps
More results

Similar Description - NFQ60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
4GBL IRF-4GBL Datasheet
99Kb / 5P
4.0 Amps Single Phase Full Wave Bridge Rectifier
logo
Powersem GmbH
PSBT25 POWERSEM-PSBT25 Datasheet
148Kb / 2P
Single Phase Full Controlled Rectifier Bridge
PSBT54 POWERSEM-PSBT54 Datasheet
507Kb / 2P
Single Phase Full Controlled Rectifier Bridge, B2C
logo
Naina Semiconductor ltd...
MDQ60 NAINA-MDQ60 Datasheet
225Kb / 2P
Single Phase Bridge Rectifier, 60 Amps
NFQ45 NAINA-NFQ45 Datasheet
158Kb / 2P
Single Phase Full Controlled Bridge Rectifier, 45 Amps
NFQ75 NAINA-NFQ75 Datasheet
158Kb / 2P
Single Phase Full Controlled Bridge Rectifier, 75 Amps
NFS60 NAINA-NFS60 Datasheet
191Kb / 2P
Three Phase Full Controlled Bridge Rectifier, 60 Amps
NHQ60 NAINA-NHQ60 Datasheet
154Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 60 Amps
NHS60 NAINA-NHS60 Datasheet
184Kb / 2P
Three Phase Half Controlled Bridge Rectifier, 60 Amps
NFS100 NAINA-NFS100 Datasheet
191Kb / 2P
Three Phase Full Controlled Bridge Rectifier, 100 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com