Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHS100 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NHS100
Description  Three Phase Half Controlled Bridge Rectifier, 100 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NHS100 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NHS100 Datasheet HTML 1Page - Naina Semiconductor ltd. NHS100 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
NHS100
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Three Phase Half Controlled Bridge Rectifier, 100 Amps
Features
•
Easy connections, screw type terminals
•
Good surge current capability
•
Low forward voltage drop
•
Improved temperature & power dissipation
•
Easy mounting
Voltage Ratings (TJ = 25oC unless otherwise noted)
Type
number
Voltage
code
VRRM, Max.
repetitive peak
reverse voltage
(V)
VRSM, Max. non-
repetitive peak
reverse voltage
(V)
IRRM max
@ TJ max
(mA)
NHS100
80
800
900
10
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700
Electrical Specifications (TJ = 25oC unless otherwise noted)
Parameters
Conditions
Symbol
Values
Units
Maximum on-state average current
TC = 85oC
ID
100
A
Forward surge current (non-repetitive), one cycle
f = 50Hz, TVJ = 25 oC
IFSM, ITSM
1000
A
Maximum forward voltage drop
IT = 200A, TVJ = 25oC
VT
max. 1.75
V
Current required for fusing
f = 50Hz, TVJ = 25 oC
I2t
5000
A2s
Maximum rate of rise of on-state current
TVJ = TVJM, f = 50Hz
di/dt
max. 50
A/µs
Critical rate of rise of off-state voltage
TVJ = TVJM
dv/dt
max. 500
V/µs
Gate voltage to trigger
TVJ = 25oC
VGT
min. 3
V
Gate current to trigger
TVJ = 25oC
IGT
min. 150
mA
Holding current
TVJ = 25 oC
IH
100
mA
Latching current
TVJ = 25 oC
IL
250
mA
RMS isolation voltage
f = 50Hz, t = 1 min
VISO
3000
V
Thermal and Mechanical Specifications (TJ = 25oC unless otherwise noted)
Parameters
Symbol
Values
Units
Operating junction temperature range
TVJ
- 40 to + 125
oC
Maximum storage temperature range
TSTG
- 40 to + 125
oC
Maximum thermal resistance, junction to case
Rth(J-C)
0.84
oC/W
Mounting torque ±10%
to heatsink
F
5
Nm
to terminal
4
Approximate weight
W
320
g


Similar Part No. - NHS100

ManufacturerPart #DatasheetDescription
logo
Arcol UK Ltd
NHS100 10R J ARCOL-NHS100 10R J Datasheet
348Kb / 2P
HS Aluminium Housed Resistors
12/14.08
More results

Similar Description - NHS100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L048 IXYS-L048 Datasheet
43Kb / 2P
Three Phase Half Controlled Rectifier Bridge, B6HK
VVZ24-12IO1 IXYS-VVZ24-12IO1 Datasheet
75Kb / 3P
Three Phase Half Controlled Rectifier Bridge
VVZ24 IXYS-VVZ24 Datasheet
146Kb / 3P
Three Phase Half Controlled Rectifier Bridge
VVZ40 IXYS-VVZ40 Datasheet
51Kb / 2P
Three Phase Half Controlled Rectifier Bridge
VVZ12-16IO1 IXYS-VVZ12-16IO1 Datasheet
43Kb / 2P
Three Phase Half Controlled Rectifier Bridge
logo
Powersem GmbH
PSDH39 POWERSEM-PSDH39 Datasheet
151Kb / 2P
Three Phase Half Controlled Rectifier Bridge
PSDH74 POWERSEM-PSDH74 Datasheet
496Kb / 2P
Three Phase Half Controlled Rectifier Bridge, B6HK
logo
Naina Semiconductor ltd...
MDS100 NAINA-MDS100 Datasheet
275Kb / 2P
Three Phase Bridge Rectifier, 100 Amps
NHS60 NAINA-NHS60 Datasheet
184Kb / 2P
Three Phase Half Controlled Bridge Rectifier, 60 Amps
NFS100 NAINA-NFS100 Datasheet
191Kb / 2P
Three Phase Full Controlled Bridge Rectifier, 100 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com