Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP5034R Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # NP5034R
Description  TVS Auto Rectifier, 50A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NP5034R Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  NP5034R Datasheet HTML 1Page - Naina Semiconductor ltd. NP5034R Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
NP5020(R) thru
NP5034(R)
2
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Package Outline
Ordering Table
NP
50
20
R
1
2
3
4
1 – Press-fit Diode
2 – Current Rating = IF (AV)
3 – Voltage, VRRM (as per table)
4 – Polarity:
>
None = Normal (Cathode to Base) (Red Color Epoxy)
>
R = Reverse (Anode to Base) (Black Color Epoxy)
ALL DIMENSIONS IN MM
PACKAGE A
PACKAGE B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com