Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4805AWSC Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT4805AWSC
Description  Synchronous Boost Regulator with Bypass Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805AWSC Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT4805AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
RT4805A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4805A-02
April
2017
12
VOUT
(2V/Div)
ILX
(2A/Div)
PGOOD
(5V/Div)
Time (1ms/Div)
Overload Protection
VIN = 3V, VOUT = 3.2V
IOUT
(200mA/Div)
VOUT
(200mV/Div)
Time (25
s/Div)
Load Transient
VIN = 3V, VOUT = 3.4V,
ILOAD = 100mA to 500mA
IOUT
(200mA/Div)
VOUT
(200mV/Div)
Time (25
s/Div)
Load Transient
VIN = 3V, VOUT = 3.2V,
ILOAD = 100mA to 500mA
VOUT
(500mV/Div)
IOUT
(2A/Div)
PGOOD
(5V/Div)
Time (50
s/Div)
Transient Overload
VIN = 3V, VOUT = 3.4V,
ILOAD = 1A to 3.8A
VOUT
(500mV/Div)
IOUT
(2A/Div)
PGOOD
(5V/Div)
Time (50
s/Div)
Transient Overload
VIN = 3V, VOUT = 3.2V,
ILOAD = 1A to 3.8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com