Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4805BWSC Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT4805BWSC
Description  Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805BWSC Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT4805BWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
RT4805B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4805B-01
April
2017
www.richtek.com
17
Name
Function
Addr
CONFIG
MODE control &
Spread modulation
control
0x01
Bit
Mode
Name
Reset
Description
7
R/W
RESET
0
0 : Disable ID detection function
1 : Enable ID detection function
[6 : 5]
R/W
ENABLE[1 : 0]
0
00 : Device operation follows hardware control signal
(refer to table 1)
01 : Device operation in auto transition mode (boost/bypass)
regardless of the
nBYP control signal (EN = 1)
10 : Device is forced in pass-through mode regardless of the nBYP
control signal (EN = 1)
11 : Device is in shutdown mode. The output voltage is reduced to a
minimum value (VIN  VOUT  3.6V) regardless of the nBYP
control signal (EN = 1)
4
R/W
Reserved
0
3
R/W
PG Config.
1
0 : PG pin = H, it is not allowed.
PG pin = L, it is shut down.
1 : PG pin is for power good indication.
2
R/W
SSFM
0
0 : Spread spectrum modulation is disabled.
1 : Spread spectrum modulation is enabled in PWM mode.
[1 : 0]
R/W
MODE_CTRL[1 : 0]
01
00 : Not allowed.
01 : PFM with automatic transition into PWM operation.
10 : Forced PWM operation.
11 : PFM with automatic transition into PWM operation (VSEL = L),
forced PWM operation (VSEL = H).
Name
Function
Addr
VOUTFLOOR
Output Voltage
Selection
0x02
Bit
Mode
Name
Reset
Description
[7 : 5]
R/W
Reserved
000
[4 : 0]
R/W
VOUT[4 : 0]
00110
00000 : VOUT = 2.85V
00001 : VOUT = 2.9V
00010 : VOUT = 2.95V
00011 : VOUT = 3V
00100 : VOUT = 3.05V
…
00110 : VOUT = 3.15V (default)
…
11111 : VOUT = 4.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com