Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF353P Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF353P
Description  Wide Bandwidth Dual JFET Input Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF353P Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF353P Datasheet HTML 1Page - National Semiconductor (TI) LF353P Datasheet HTML 2Page - National Semiconductor (TI) LF353P Datasheet HTML 3Page - National Semiconductor (TI) LF353P Datasheet HTML 4Page - National Semiconductor (TI) LF353P Datasheet HTML 5Page - National Semiconductor (TI) LF353P Datasheet HTML 6Page - National Semiconductor (TI) LF353P Datasheet HTML 7Page - National Semiconductor (TI) LF353P Datasheet HTML 8Page - National Semiconductor (TI) LF353P Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
±18V
Power Dissipation
(Note 2)
Operating Temperature Range
0˚C to +70˚C
T
j(MAX)
150˚C
Differential Input Voltage
±30V
Input Voltage Range (Note 3)
±15V
Output Short Circuit Duration
Continuous
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering, 10 sec.)
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 sec.)
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
ESD Tolerance (Note 8)
1000V
θ
JA M Package
TBD
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Operating ratings indicate conditions for which the
device is functional, but do not guarantee specific performance limits. Elec-
trical Characteristics state DC and AC electrical specifications under particu-
lar test conditions which guarantee specific performance limits. This assumes
that the device is within the Operating Ratings. Specifications are not guar-
anteed for parameters where no limit is given, however, the typical value is a
good indication of device performance.
DC Electrical Characteristics
(Note 5)
Symbol
Parameter
Conditions
LF353
Units
MIn
Typ
Max
V
OS
Input Offset Voltage
R
S=10k
Ω,T
A=25˚C
5
10
mV
Over Temperature
13
mV
∆V
OS/
∆T
Average TC of Input Offset Voltage
R
S=10 k
Ω
10
µV/˚C
I
OS
Input Offset Current
T
j=25˚C, (Notes 5, 6)
25
100
pA
T
j
≤70˚C
4
nA
I
B
Input Bias Current
T
j=25˚C, (Notes 5, 6)
50
200
pA
T
j
≤70˚C
8
nA
R
IN
Input Resistance
T
j=25˚C
10
12
Ω
A
VOL
Large Signal Voltage Gain
V
S=±15V, TA=25˚C
25
100
V/mV
V
O=±10V, RL=2 k
Ω
Over Temperature
15
V/mV
V
O
Output Voltage Swing
V
S=±15V, RL=10k
Ω
±12
±13.5
V
V
CM
Input Common-Mode Voltage
V
S=±15V
±11
+15
V
Range
−12
V
CMRR
Common-Mode Rejection Ratio
R
S
≤ 10kΩ
70
100
dB
PSRR
Supply Voltage Rejection Ratio
(Note 7)
70
100
dB
I
S
Supply Current
3.6
6.5
mA
AC Electrical Characteristics
(Note 5)
Symbol
Parameter
Conditions
LF353
Units
Min
Typ
Max
Amplifier to Amplifier Coupling
T
A=25˚C, f=1 Hz−20 kHz
−120
dB
(Input Referred)
SR
Slew Rate
V
S=±15V, TA=25˚C
8.0
13
V/µs
GBW
Gain Bandwidth Product
V
S=±15V, TA=25˚C
2.7
4
MHz
e
n
Equivalent Input Noise Voltage
T
A=25˚C, RS=100
Ω,16
f=1000 Hz
i
n
Equivalent Input Noise Current
T
j=25˚C, f=1000 Hz
0.01
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com