Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM833 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM833
Description  Dual Audio Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM833 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM833 Datasheet HTML 10Page - National Semiconductor (TI) LM833 Datasheet HTML 11Page - National Semiconductor (TI) LM833 Datasheet HTML 12Page - National Semiconductor (TI) LM833 Datasheet HTML 13Page - National Semiconductor (TI) LM833 Datasheet HTML 14Page - National Semiconductor (TI) LM833 Datasheet HTML 15Page - National Semiconductor (TI) LM833 Datasheet HTML 16Page - National Semiconductor (TI) LM833 Datasheet HTML 17Page - National Semiconductor (TI) LM833 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Typical Applications (Continued)
LM833 MDC MWC
DUAL AUDIO OPERATIONAL AMPLIFIER
00521854
Die Layout (A - Step)
DIE/WAFER CHARACTERISTICS
Fabrication Attributes
General Die Information
Physical Die Identification
LM833A
Bond Pad Opening Size (min)
110µm x 110µm
Die Step
A
Bond Pad Metalization
ALUMINUM
Physical Attributes
Passivation
VOM NITRIDE
Wafer Diameter
150mm
Back Side Metal
BARE BACK
Dise Size (Drawn)
1219µm x 1270µm
48mils x 50mils
Back Side Connection
Floating
Thickness
406µm Nominal
Min Pitch
288µm Nominal
Special Assembly Requirements:
Note: Actual die size is rounded to the nearest micron.
Die Bond Pad Coordinate Locations (A - Step)
(Referenced to die center, coordinates in µm) NC = No Connection
SIGNAL NAME
PAD# NUMBER
X/Y COORDINATES
PAD SIZE
XYX
Y
OUTPUT A
1
-476
500
110
x
110
INPUT A-
2
-476
-212
110
x
110
INPUT A+
3
-476
-500
110
x
110
VEE-
4
-0
-500
110
x
110
INPUT B+
5
476
-500
110
x
110
INPUT B-
6
476
-212
110
x
110
OUTPUT B
7
476
500
110
x
110
VCC+
8
0
500
110
x
110
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com