Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM317
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317 Datasheet(HTML) 4 Page - Texas Instruments

  LM317 Datasheet HTML 1Page - Texas Instruments LM317 Datasheet HTML 2Page - Texas Instruments LM317 Datasheet HTML 3Page - Texas Instruments LM317 Datasheet HTML 4Page - Texas Instruments LM317 Datasheet HTML 5Page - Texas Instruments LM317 Datasheet HTML 6Page - Texas Instruments LM317 Datasheet HTML 7Page - Texas Instruments LM317 Datasheet HTML 8Page - Texas Instruments LM317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM317
3-TERMINAL ADJUSTABLE REGULATOR
SLVS044H – SEPTEMBER 1997 – REVISED DECEMBER 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
R1
240
Ω
IAdj
R2
Cin (Note A)
0.1
µF
CO (Note B)
1.0
µF
VI
VO
NOTES: A. Cin is not required if the regulator is close enough to the power-supply filter.
B. CO improves transient response, but is not needed for stability.
Since IAdj is typically 50 µA, it is negligible in most applications.
Vref = 1.25 V
V
out + Vref 1 )
R2
R1
) (I
Adj
R2)
Vout is calculated as:
INPUT
OUTPUT
ADJUST
LM317
Figure 1. Adjustable Voltage Regulator
C1
0.1
µF
R1
120
Ω
R2
3 k
Ω
INPUT
OUTPUT
ADJUST
LM317
VO
+35 V
R3
680
Ω
–10 V
Since IAdj is typically 50 µA, it is negligible in most applications.
V
out + Vref 1 )
R2
) R3
R1
) I
Adj(R2 ) R3) – 10 V
Vout is calculated as:
Figure 2. 0-V to 30-V Regulator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com