Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR5000 Datasheet(PDF) 1 Page - First Components International

Part # FDR5000
Description  50.0 Amp DISH AUTO DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FDR5000 Datasheet(HTML) 1 Page - First Components International

  FDR5000 Datasheet HTML 1Page - First Components International FDR5000 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-40 to +175
DISH
F
DR5002
SYMBOL
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
F
DR5004
F
DR5006
600
400
420
280
600
400
50
10
550
500
UNIT
V
V
V
V
A
A
uA
uA
oC
200
140
200
1.2
Maximum Peak Repetitive Reverse Voltage@Irrm=10uA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=150
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 100Amp
At Rated DC Blocking Voltage
(VB)@TJ=175
oC
¬
Weight: 1.15 gram
Features
¬
Low forward voltage drop
¬
High current capability
¬
Case: OFC Heat Sink
¬
High surge current capability
¬
Encap: Epoxy Sealed Rated
Mechanical Data
¬
High reliability
UL94V-0
.061( 1.55)
O
.057( 1.45)
O
.378( 9.60)
O
.370( 9.40)
O
.768(19.50)
.688(17.50)
P :
.925(23.50)
.846(21.50)
N :
Data Sheet
50.0 Amp DISH
AUTO DIODES
Description
Mechanical Dimensions


Similar Part No. - FDR5000

ManufacturerPart #DatasheetDescription
logo
FCI connector
FDR5000 FCI-CONNECTOR-FDR5000 Datasheet
921Kb / 2P
50.0 Amp DISH AUTO DIODES
More results

Similar Description - FDR5000

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BYFR5002 FCI-BYFR5002 Datasheet
364Kb / 2P
50.0 Amp Y-LEAD BLOCK AUTO DIODES
FDR5002 FCI-FDR5002 Datasheet
921Kb / 2P
50.0 Amp DISH AUTO DIODES Low forward voltage drop
logo
FCI connector
PBFR5002-5006 FCI-CONNECTOR-PBFR5002-5006 Datasheet
569Kb / 2P
50.0 Amp BOSCH TYPE AUTO PRESSFIT
PTFR5002-5006 FCI-CONNECTOR-PTFR5002-5006 Datasheet
561Kb / 2P
50.0 Amp TIN CAN AUTO DIODE
PTYFR5002-5006 FCI-CONNECTOR-PTYFR5002-5006 Datasheet
574Kb / 2P
50.0 Amp Y-LEAD TIN CAN AUTO DIODE
FDR5000 FCI-CONNECTOR-FDR5000 Datasheet
921Kb / 2P
50.0 Amp DISH AUTO DIODES
logo
First Components Intern...
PLFR5001 FCI-PLFR5001 Datasheet
439Kb / 2P
50.0 Amp LUCAS AUTO PRESSFIT
PMFR5001 FCI-PMFR5001 Datasheet
559Kb / 2P
50.0 Amp MOTOROLA TYPE AUTO PRESSFIT
PTFR5001 FCI-PTFR5001 Datasheet
561Kb / 2P
50.0 Amp TIN CAN AUTO DIODE
PTYFR5001 FCI-PTYFR5001 Datasheet
574Kb / 2P
50.0 Amp Y-LEAD TIN CAN AUTO DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com